Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UM1900 Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza UM1900
Descripción Electrónicos  Getting started with the digital MEMS microphones expansion board based on MP34DT01-M for STM32 Nucleo
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1900 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1900 Datasheet HTML 5Page - STMicroelectronics UM1900 Datasheet HTML 6Page - STMicroelectronics UM1900 Datasheet HTML 7Page - STMicroelectronics UM1900 Datasheet HTML 8Page - STMicroelectronics UM1900 Datasheet HTML 9Page - STMicroelectronics UM1900 Datasheet HTML 10Page - STMicroelectronics UM1900 Datasheet HTML 11Page - STMicroelectronics UM1900 Datasheet HTML 12Page - STMicroelectronics UM1900 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
UM1900
Hardware description
DocID027905 Rev 3
9/19
Figure 4: General acquisition strategy using I²S and SPI
For single microphone acquisition, the correct microphone timer is generated directly by I²S
and one single microphone data line is read by the same peripheral.
3.4
Solder bridge configurations
Various board configurations are possible, depending on the use cases. MEMS
microphones can be plugged into ST morpho pins, and thus to MCU peripherals, using ad
hoc solder bridges. Clock routing can also be changed according to specific needs. This
section helps the user understand the role of each solder bridge and analyzes some of the
more common use cases.
3.4.1
Solder bridge roles
In the table below, the solder bridge functions are summarized with respect to the audio
acquisition strategies above.
Table 1: Solder bridge description
Function
Solder Bridge
Connects USB DM pin from connector to MCU
SB1
Connects USB DP pin from connector to MCU
SB2
Routes onboard oscillator output to OSC_IN MCU pin
SB6
Connect MEMS clock to MCU timer output channel
SB7
Routes I²S clock to SPI clock
SB8
Merges onboard microphone PDMs in order to be acquired with 1 interface
SB9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19