Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F334 Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza STM32F334
Descripción Electrónicos  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334 Datasheet(HTML) 2 Page - STMicroelectronics

  STM32F334 Datasheet HTML 1Page - STMicroelectronics STM32F334 Datasheet HTML 2Page - STMicroelectronics STM32F334 Datasheet HTML 3Page - STMicroelectronics STM32F334 Datasheet HTML 4Page - STMicroelectronics STM32F334 Datasheet HTML 5Page - STMicroelectronics STM32F334 Datasheet HTML 6Page - STMicroelectronics STM32F334 Datasheet HTML 7Page - STMicroelectronics STM32F334 Datasheet HTML 8Page - STMicroelectronics STM32F334 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 115 page
background image
STM32F334x4 STM32F334x6 STM32F334x8
2/115
DocID025409 Rev 5
– Up to 3 USARTs, one with ISO/IEC 7816
interface, LIN, IrDA, modem control
• Debug mode: serial wire debug (SWD), JTAG
• 96-bit unique ID
• All packages ECOPACK®2
Table 1. Device summary
Reference
Part number
STM32F334Kx
STM32F334K4/K6/K8
STM32F334Cx
STM32F334C4/C6/C8
STM32F334Rx
STM32F334R4/R6/R8