Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F334 Datasheet(PDF) 102 Page - STMicroelectronics

No. de pieza STM32F334
Descripción Electrónicos  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32F334 Datasheet HTML 98Page - STMicroelectronics STM32F334 Datasheet HTML 99Page - STMicroelectronics STM32F334 Datasheet HTML 100Page - STMicroelectronics STM32F334 Datasheet HTML 101Page - STMicroelectronics STM32F334 Datasheet HTML 102Page - STMicroelectronics STM32F334 Datasheet HTML 103Page - STMicroelectronics STM32F334 Datasheet HTML 104Page - STMicroelectronics STM32F334 Datasheet HTML 105Page - STMicroelectronics STM32F334 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 115 page
background image
Package information
STM32F334x4 STM32F334x6 STM32F334x8
102/115
DocID025409 Rev 5
7.2
LQFP32 package information
LQFP32 is a 32-pin, 7 x 7mm low-profile quad flat package.
Figure 33. LQFP32 package outline
1. Drawing is not to scale.
Table 75. LQFP32 mechanical data
Symbol
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
-
1.600
-
-
0.0630
A1
0.050
-
0.150
0.0020
-
0.0059
A2
1.350
1.400
1.450
0.0531
0.0551
0.0571