Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F334x8 Datasheet(PDF) 11 Page - STMicroelectronics

No. de pieza STM32F334x8
Descripción Electrónicos  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334x8 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32F334x8 Datasheet HTML 7Page - STMicroelectronics STM32F334x8 Datasheet HTML 8Page - STMicroelectronics STM32F334x8 Datasheet HTML 9Page - STMicroelectronics STM32F334x8 Datasheet HTML 10Page - STMicroelectronics STM32F334x8 Datasheet HTML 11Page - STMicroelectronics STM32F334x8 Datasheet HTML 12Page - STMicroelectronics STM32F334x8 Datasheet HTML 13Page - STMicroelectronics STM32F334x8 Datasheet HTML 14Page - STMicroelectronics STM32F334x8 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 115 page
background image
DocID025409 Rev 5
11/115
STM32F334x4 STM32F334x6 STM32F334x8
Description
43
Comm.
interfaces
SPI
1
I2C1
USART
2
3
CAN
1
GPIOs
Normal I/Os
(TC, TTa)
10
20
26
5-Volt tolerant
I/Os (FT,FTf)
15
17
25
Capacitive sensing channels
14
17
18
DMA channels
7
12-bit ADCs
Number of channels
2
10
2
15
2
21
12-bit DAC channels
3
Ultra-fast analog comparator
2
3
Operational amplifiers
1
CPU frequency
72 MHz
Operating voltage
2.0 to 3.6 V
Operating temperature
Ambient operating temperature: - 40 to 85 °C / - 40 to 105 °C
Junction temperature: - 40 to 125 °C
Packages
LQFP32
LQFP48
LQFP64
1. This total considers also the PWMs generated on the complementary output channels.
Table 2. STM32F334x4/6/8 family device features and peripheral counts (continued)
Peripheral
STM32F334Kx
STM32F334Cx
STM32F334Rx