| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SSOM700A... Datasheet(PDF) 6 Page - Sensortechnics GmbH |
|
|
|||||||||||||||||||||||||||||
SSOM700A... Datasheet(HTML) 6 Page - Sensortechnics GmbH |
|
6 / 6 page ![]() 6/6 E / 11657 / D SSO Series Compensated stainless steel pressure sensors www.first-sensor.com www.sensortechnics.com s e i r e Se g n a r e r u s s e r Pe d o m e r u s s e r Pg n i s u o H l a c i r t c e l E n o i t c e n n o c e d a r G s n o i t p OO S S 0 0 2 M r a b m 0 0 2 . . . 0 * A e t u l o s b A 1 g n i r d l e W F p i r t s x e l F H h g i H 0 5 3 M r a b m 0 5 3 . . . 0 G e g a G 8 " 8 / 1 G 0 0 7 M r a b m 0 0 7 . . . 0 V e g a g / m u u c a V 5 T P N " 4 / 1 0 0 7 M ) V ( r a b m 0 0 7 . . . 0 0 7 - * N T P N " 4 / 1 g n i t t i f 1 0 0 B r a b 1 . . . 0 1 0 0 B ) V ( r a b 1 . . . 1 - 2 0 0 B r a b 2 . . . 0 2 0 0 B ) V ( r a b 2 . . . 1 - 5 x 3 B r a b 5 . 3 . . . 0 5 x 3 B ) V ( r a b 5 . 3 . . . 1 - 7 0 0 B r a b 7 . . . 0 7 0 0 B ) V ( r a b 7 . . . 1 - 0 1 0 B r a b 0 1 . . . 0 0 1 0 B ) V ( r a b 0 1 . . . 1 - 0 2 0 B r a b 0 2 . . . 0 0 2 0 B ) V ( r a b 0 2 . . . 1 - 5 3 0 B r a b 5 3 . . . 0 5 3 0 B ) V ( r a b 5 3 . . . 1 - r a b m 0 0 7 m o r f * y l n o s d r a w p u *g n i t t i f T P N " 4 / 1 d a e r h t " 8 / 1 G n o : e l p m a x EO S S1 0 0 BG 8 F H ORDERING INFORMATION : e t o N . s m e t i k c o t s d e r r e f e r p e r a y e r g n i d e t h g i l h g i h s e c i v e D . y l p p a y a m Q O M s e c i v e d r e h t o l l a r o F Custom pressure ranges and other pressure fittings are available on request. MOQ may apply. Please contact First Sensor. First Sensor reserves the right to make changes to any products herein. First Sensor does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others. |