Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PLAH010DB Datasheet(PDF) 2 Page - Sensortechnics GmbH

No. de pieza PLAH010DB
Descripción Electrónicos  Amplified precision very low pressure sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SENSORTECHNICS [Sensortechnics GmbH]
Página de inicio  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PLAH010DB Datasheet(HTML) 2 Page - Sensortechnics GmbH

  PLAH010DB Datasheet HTML 1Page - Sensortechnics GmbH PLAH010DB Datasheet HTML 2Page - Sensortechnics GmbH PLAH010DB Datasheet HTML 3Page - Sensortechnics GmbH PLAH010DB Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PLA Series
Amplified precision very low pressure sensors
2/4
E / 11735 / 0
www.sensortechnics.com
Specification notes:
1.
2.
3.
4.
5.
6.
7.
Reference conditions: supply voltage V
S = 5.00 V, TA = 25°C, common-mode pressure 0, pressure applied to port B.
Proof pressure is the maximum pressure which may be applied without causing durable shifts of the electrical parameters
of the sensing element.
Burst pressure is the maximum pressure which may be applied without causing damage to the sensing element or leaks from
the housing.
Full scale span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure.
The output voltage of the sensor is ratiometric or proportional to the excitation voltage. For these models all specifications will
change proportionally to any changes in the excitation voltage. The excitation may vary between 4.5 to 5.5 V. All specifications
will nominally be change by a ratio of V
excitation
/ 5.0 V. For example, if 5.5 V excitation then both, the full scale output voltage
and the offset voltage, would be 5.5/5th of the specified value.
Non-linearity refers to the Best Straight Line fit measured for offset pressure, full-scale pressure and ½ full-scale pressure.
Shifts relative to 25°C.
Shifts within the first hour of excitation applied to the sensor.
PRESSURE SENSOR CHARACTERISTICS1
.
o
n
t
r
a
Pe
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
Oe
r
u
s
s
e
r
p
f
o
o
r
P
2
e
r
u
s
s
e
r
p
t
s
r
u
B
3
B
D
1
0
0
M
A
L
Pr
a
b
m
1
±
.
.
.
0H
"
0
0
1
.
.
.
0
2OH
"
0
0
2
.
.
.
0
2O
B
D
1
0
0
H
A
L
PH
"
1
±
.
.
.
0
2OH
"
0
0
1
.
.
.
0
2OH
"
0
0
2
.
.
.
0
2O
B
D
5
x
2
H
A
L
PH
"
5
.
2
±
.
.
.
0
2OH
"
0
0
2
.
.
.
0
2OH
"
0
0
3
.
.
.
0
2O
B
D
5
0
0
H
A
L
PH
"
5
±
.
.
.
0
2OH
"
0
0
2
.
.
.
0
2OH
"
0
0
3
.
.
.
0
2O
B
D
0
1
0
H
A
L
PH
"
0
1
±
.
.
.
0
2OH
"
0
0
2
.
.
.
0
2OH
"
0
0
3
.
.
.
0
2O
B
D
0
2
0
H
A
L
PH
"
0
2
±
.
.
.
0
2OH
"
0
0
3
.
.
.
0
2OH
"
0
0
5
.
.
.
0
2O
B
D
0
3
0
H
A
L
PH
"
0
3
±
.
.
.
0
2OH
"
0
0
5
.
.
.
0
2OH
"
0
0
8
.
.
.
0
2O
U
D
1
0
0
H
A
L
PH
"
1
.
.
.
0
2OH
"
0
0
1
.
.
.
0
2OH
"
0
0
2
.
.
.
0
2O
U
D
5
0
0
H
A
L
PH
"
5
.
.
.
0
2OH
"
0
0
2
.
.
.
0
2OH
"
0
0
3
.
.
.
0
2O
U
D
0
1
0
H
A
L
PH
"
0
1
.
.
.
0
2OH
"
0
0
2
.
.
.
0
2OH
"
0
0
3
.
.
.
0
2O
U
D
0
2
0
H
A
L
PH
"
0
2
.
.
.
0
2OH
"
0
0
3
.
.
.
0
2OH
"
0
0
5
.
.
.
0
2O
U
D
0
3
0
H
A
L
PH
"
0
3
.
.
.
0
2OH
"
0
0
5
.
.
.
0
2OH
"
0
0
8
.
.
.
0
2O



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com