Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PLAH005DB Datasheet(PDF) 1 Page - Sensortechnics GmbH

No. de pieza PLAH005DB
Descripción Electrónicos  Amplified precision very low pressure sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SENSORTECHNICS [Sensortechnics GmbH]
Página de inicio  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PLAH005DB Datasheet(HTML) 1 Page - Sensortechnics GmbH

  PLAH005DB Datasheet HTML 1Page - Sensortechnics GmbH PLAH005DB Datasheet HTML 2Page - Sensortechnics GmbH PLAH005DB Datasheet HTML 3Page - Sensortechnics GmbH PLAH005DB Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PLA Series
Amplified precision very low pressure sensors
1/4
E / 11735 / 0
www.sensortechnics.com
Pin 1: +Vs
Pin 2: -Vs
Pin 3: +Vout
Pin 4: N/C*
ELECTRICAL CONNECTION
Note:
The polarity indicated is for pressure
applied to port B.
SPECIFICATIONS
Maximum ratings
Supply voltage V
S
+4.5...+5.5 V
DC
Lead temperature (soldering 2-4 sec.)
250 °C
Temperature ranges
Compensated
5...50 °C
Operating
-25...85 °C
Storage
-40...125 °C
Humidity limits (non-condensing)
0...95 % RH
Common mode pressure
10 psig
MEDIA COMPATIBILITY
To be used with non-corrosive, non-ionic working
fluids such as clean dry air, dry gases and the like.
FEATURES
· Ranges from 1 mbar to 30 inch H
2O
gage or differential
· Ratiometric 4 V output
· Precision temperature compensated
· Calibrated offset and span
· Extremely low position sensitivity
· Excellent long term stability
3
Bottom view
2
4
1
* do not connect for
any reason


Número de pieza similar - PLAH005DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Positronic.
PLAH0300A1 POSITRONIC-PLAH0300A1 Datasheet
5Mb / 72P
VERSATILE, HIGH-CURRENT, MIXED DENSITY
Rev. G2
PLAH03300A1 POSITRONIC-PLAH03300A1 Datasheet
5Mb / 72P
VERSATILE, HIGH-CURRENT, MIXED DENSITY
Rev. G2
PLAH033200A1 POSITRONIC-PLAH033200A1 Datasheet
5Mb / 72P
VERSATILE, HIGH-CURRENT, MIXED DENSITY
Rev. G2
PLAH0400A1 POSITRONIC-PLAH0400A1 Datasheet
5Mb / 72P
VERSATILE, HIGH-CURRENT, MIXED DENSITY
Rev. G2
PLAH04300A1 POSITRONIC-PLAH04300A1 Datasheet
5Mb / 72P
VERSATILE, HIGH-CURRENT, MIXED DENSITY
Rev. G2
More results

Descripción similar - PLAH005DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
1NCH-G-4V ETC-1NCH-G-4V Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
logo
Sensortechnics GmbH
HCLA02X5-B SENSORTECHNICS-HCLA02X5-B Datasheet
226Kb / 15P
Miniature amplified low pressure sensors
PLOH001D SENSORTECHNICS-PLOH001D Datasheet
73Kb / 4P
Precision very low pressure sensors
logo
All Sensors Corporation
DS-00243 ASC-DS-00243 Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
Rev C
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
1INCH-G-4V ASC-1INCH-G-4V Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
5INCH-D-4V ASC-5INCH-D-4V Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
5INCH-G-4V ASC-5INCH-G-4V Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
Rev C
DS-0024 ASC-DS-0024 Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com