Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L051x8 Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza STM32L051x8
Descripción Electrónicos  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L051x8 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32L051x8 Datasheet HTML 9Page - STMicroelectronics STM32L051x8 Datasheet HTML 10Page - STMicroelectronics STM32L051x8 Datasheet HTML 11Page - STMicroelectronics STM32L051x8 Datasheet HTML 12Page - STMicroelectronics STM32L051x8 Datasheet HTML 13Page - STMicroelectronics STM32L051x8 Datasheet HTML 14Page - STMicroelectronics STM32L051x8 Datasheet HTML 15Page - STMicroelectronics STM32L051x8 Datasheet HTML 16Page - STMicroelectronics STM32L051x8 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 127 page
background image
DocID025938 Rev 6
13/127
STM32L051x6 STM32L051x8
Description
32
2.2
Ultra-low-power device continuum
The ultra-low-power family offers a large choice of core and features, from 8-bit proprietary
core up to ARM® Cortex®-M4, including ARM® Cortex®-M3 and ARM® Cortex®-M0+. The
STM32Lx series are the best choice to answer your needs in terms of ultra-low-power
features. The STM32 ultra-low-power series are the best solution for applications such as
gaz/water meter, keyboard/mouse or fitness and healthcare application. Several built-in
features like LCD drivers, dual-bank memory, low-power run mode, operational amplifiers,
128-bit AES, DAC, crystal-less USB and many other definitely help you building a highly
cost optimized application by reducing BOM cost. STMicroelectronics, as a reliable and
long-term manufacturer, ensures as much as possible pin-to-pin compatibility between all
STM8Lx and STM32Lx on one hand, and between all STM32Lx and STM32Fx on the other
hand. Thanks to this unprecedented scalability, your legacy application can be upgraded to
respond to the latest market feature and efficiency requirements.