Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-34C02B Datasheet(PDF) 7 Page - Seiko Instruments Inc

No. de pieza S-34C02B
Descripción Electrónicos  Write protect function during low power supply voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-34C02B Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-34C02B Datasheet HTML 3Page - Seiko Instruments Inc S-34C02B Datasheet HTML 4Page - Seiko Instruments Inc S-34C02B Datasheet HTML 5Page - Seiko Instruments Inc S-34C02B Datasheet HTML 6Page - Seiko Instruments Inc S-34C02B Datasheet HTML 7Page - Seiko Instruments Inc S-34C02B Datasheet HTML 8Page - Seiko Instruments Inc S-34C02B Datasheet HTML 9Page - Seiko Instruments Inc S-34C02B Datasheet HTML 10Page - Seiko Instruments Inc S-34C02B Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
2-WIRE SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
Rev.1.0_02_U
S-34C02B
7
Pin Functions
1. VCC (Power supply) pin
The VCC pin is used to apply positive supply voltage. Regarding the applied voltage value, refer to "
Recommended Operating Conditions
". Set a bypass capacitor of about 0.1
μF between the VCC pin and the
GND pin to make the power supply voltage stable.
2. A0, A1 and A2 (Slave address input) pins
In this IC, to set the slave address, connect each of A0 pin, A1 pin and A2 pin to the GND pin or the VCC pin.
Therefore the users can set 8 types of slave address by a combination of A0, A1, A2 pins.
Comparing the slave address transmitted from the master device and one that you set, makes possible to select
one slave address from other devices connected onto the bus.
Each of A0 pin, A1 pin and A2 pin has a built-in pull-down resistor. In open, the pin is set to the same status as it
connected to the GND pin.
3. SDA (Serial data I/O) pin
The SDA pin is used for the bi-directional transmission of serial data. This pin is a signal input pin, and an Nch
open-drain output pin.
In use, generally, connect the SDA line to any other device which has the open-drain or open-collector output with
Wired-OR connection by pulling up to VCC by a resistor. Figure 4 shows the relation with an output load.
4. SCL (Serial clock input) pin
The SCL pin is used for the serial clock input. Since the signals are processed at a rising or falling edge of the SCL
clock, pay attention to the rising and falling time and comply with the specification.
5. WP (Write protect input) pin
When hardware write protect is used, connect the WP pin to VCC. When hardware write protect is not used, be sure
to leave the WP pin open or connect it to the GND pin.
When software write protect is used, it inhibits write in 50% of the lower address (addresses 00h to 7Fh) in all
memory area according to the status of the protect register when the WP pin is left open or connected to the GND
pin.
Value of load capacity
[pF]
100
10
0
2
4
6
8
fSCL = 400 kHz
Maximum value of
pull-up resistor
[k
Ω]
10
12
14
16
18
20
Figure 4 Output Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com