| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EVB20020 Datasheet(PDF) 5 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
EVB20020 Datasheet(HTML) 5 Page - SMSC Corporation |
|
5 / 5 page ![]() SMSC UG - EVB-20020 Page 5 Rev. 1/5/00 Jumpers There are three sets of jumper blocks on the EVB-20020 board. JP1-4 selects the clock speed of the network controller. JP1 and JP2 MUST BE INSTALLED for proper operation. JP3 and JP4 are for future use and should be left unconnected. JP9, JP10, and JP11 select the source of data for the network controller’s receiver. JP12 – 17 are used to choose the media type. Refer to the following table for the correct jumper settings: MEDIA TYPE CONNECT JUMPERS Coax JP11 Twisted Pair JP11, JP16, JP17 Direct RS-485 JP9, JP12, JP13 Isolated RS-485 JP10, JP14, JP15 Interrupts If your software is to be interrupt driven, the priority of the interrupt is selected through JP5-JP8 (IRQ3-6). |