| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PM5345 Datasheet(PDF) 21 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5345 Datasheet(HTML) 21 Page - PMC-Sierra, Inc |
|
21 / 196 page ![]() PM5345 S/UNI-155 DATA SHEET PMC-930305 ISSUE 4 SATURN USER NETWORK INTERFACE PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 7 Figure 2 - Example 2. UTP-5 ATM Adapter Interface TWRB RDAT[7:0] RSOC TDAT[15:0] TSOC ATM Terminal PM5345 S/UNI SATURN USER NETWORK INTERFACE RCA TCA RRDB Line Driver & Transformer Transformer & Line Receiver Receive AAL Processor Transmit AAL Processor Clock Recovery Figure 3 shows a configuration in which the PM5345 S/UNI is used with a PM5312 SONET/SDH Transport Overhead Terminating Transceiver (STTX) and a PM5318 622 Mbit/s Serial/Parallel Converter (SIPO) to implement an ATM backbone interface. In this application, four STS-3/STM-1 ATM streams are multiplexed into a single STS-12/STM-4 stream for transport over fiber optic cables. The function of the PM5312, PM5318, clock recovery and clock synthesis are also available in the PM5712B 622 Mbit/s SONET/SDH Line Interface Module (SLIM). Figure 3 - Example 3. OC-12 ATM Switch Port Card Interface E/O O/E Serial / Parallel Conversion PM5312 STTX Clock Synthesis Clock Recovery OOF TOUT[7:0] TCLK RICLK RIFP RIN[7:0] PM5345 S/UNI-155 #1 #2 #3 #4 OPTICAL FACILITY ATM SWITCH CORE STS-3(STM-1) To STS-12 (STM-4) MUX STS-3c (STM-1) ATM Termination |