| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74LVC4066D Datasheet(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC4066D Datasheet(HTML) 3 Page - NXP Semiconductors |
|
3 / 23 page ![]() 2003 Aug 12 3 Philips Semiconductors Product specification Quad bilateral switches 74LVC4066 FUNCTION TABLE See note 1. Note 1. H = HIGH voltage level; L = LOW voltage level. ORDERING INFORMATION INPUT nE SWITCH L OFF HON TYPE NUMBER PACKAGE TEMPERATURE RANGE PINS PACKAGE MATERIAL CODE 74LVC4066D −40 to +125 °C 14 SO14 plastic SOT108-2 74LVC4066PW −40 to +125 °C 14 TSSOP14 plastic SOT402-1 74LVC4066BQ −40 to +125 °C 14 DHVQFN14 plastic SOT762-1 PINNING PIN SYMBOL DESCRIPTION 1 1Y independent input/output 2 1Z independent output/input 3 2Z independent output/input 4 2Y independent input/output 5 2E enable input (active HIGH) 6 3E enable input (active HIGH) 7 GND ground (0 V) 8 3Y independent input/output 9 3Z independent output/input 10 4Z independent output/input 11 4Y independent input/output 12 4E enable input (active HIGH) 13 1E enable input (active HIGH) 14 VCC supply voltage handbook, halfpage MNB109 1 2 3 4 5 6 7 8 14 13 12 11 10 9 1Y 1Z 2Z 2Y 4066 2E 3E GND 3Y 3Z 4Z 4Y 4E 1E VCC Fig.1 Pin configuration SO14 and TSSOP14. |