Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC4066 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74LVC4066
Descripción Electrónicos  Quad bilateral switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC4066 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC4066 Datasheet HTML 2Page - NXP Semiconductors 74LVC4066 Datasheet HTML 3Page - NXP Semiconductors 74LVC4066 Datasheet HTML 4Page - NXP Semiconductors 74LVC4066 Datasheet HTML 5Page - NXP Semiconductors 74LVC4066 Datasheet HTML 6Page - NXP Semiconductors 74LVC4066 Datasheet HTML 7Page - NXP Semiconductors 74LVC4066 Datasheet HTML 8Page - NXP Semiconductors 74LVC4066 Datasheet HTML 9Page - NXP Semiconductors 74LVC4066 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
2003 Aug 12
6
Philips Semiconductors
Product specification
Quad bilateral switches
74LVC4066
DC CHARACTERISTICS
At recommended operating conditions; voltage are referenced to GND (ground=0V).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)
Tamb = −40 to +85 °C; note 1
VIH
HIGH-level input
voltage
1.65 to 1.95
0.65VCC
−−
V
2.3 to 2.7
1.7
−−
V
2.7 to 3.6
2.0
−−
V
4.5 to 5.5
0.7VCC
−−
V
VIL
LOW-level input
voltage
1.65 to 1.95
−−
0.35VCC
V
2.3 to 2.7
−−
0.7
V
2.7 to 3.6
−−
0.8
V
4.5 to 5.5
−−
0.30VCC
V
ILI
input leakage current
(control pin)
VI = 5.5 V or GND
5.5
−±0.1
±5
µA
IS(OFF)
analog switch
OFF-state current
VI =VIH or VIL;
|VS|=VCC − GND; see Fig.7
5.5
−±0.1
±5
µA
IS(ON)
analog switch
ON-state current
VI =VIH or VIL;
|VS|=VCC − GND; see Fig.8
5.5
−±0.1
±5
µA
ICC
quiescent supply
current
VI =VCC or GND;
VS = GND or VCC; IO =0A
5.5
−
0.1
10
µA
∆I
CC
additional quiescent
supply current per
control pin
VI =VCC − 0.6 V;
VS = GND or VCC; IO =0A
5.5
−
5
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23