Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA-9E4CD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza BA-9E4CD
Descripción Electrónicos  LED LIGHT BAR & BAR GRAPH ARRAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

BA-9E4CD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BA-9E4CD Datasheet HTML 1Page - List of Unclassifed Manufacturers BA-9E4CD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AD-01
BA- 10x1UD
AD-02
BA- 5x5UD
AD-03
BA- 12x3UD
AD-04
BA- 12x3UD-A
AD-05
BA-9x4A
CD
AD-06
BA- 15x15UD
NOTES: 1.All Dimensions are in millimeters(inches).
2.Tolerance isA0.25mm(.010D).
3.Specifications are subject to change without notice.
4.NP:No Pin.
5.NC:No Connect.
10.16(.400)
25.30(.996)
1.78(.070)
2.54(.100)
5.1(.200)
7.62(.300)
8.0(.315)
3.0(.120) MIN.
0.25(.010)
0.50(.020)
2.54(.100)
A
B
C
D
E
F
G
H
I
J
+PIN 1.
20 19 18 17 16 15 14 13 12 11
123456789 10
A BCD E F G H I
J
D
3
12
4
5 6
A
C
B
AB C D
NP: 12.
10
7 8
9
13
11
14 15
19
1617 18
20 21
EF
EF G H
G H
K
J
IL
J
I
K
L
56.00(2.205)
58.00(2.283)
2.54x20=50.80(2.00)
5.00(.197)
7.00(.276)
1.50(.059)
4.00(.157)
8.00(.315)
3.00(.118)MIN.
E0.50(.020)
1.60(.063)
0.50(.020)
4.30x11=47.30(1.862)
PIN.1
1
A
4
3
2
C
B
D
7
6
5
F
E
G
9
8
H I
10
E
B
AC D
H
FG
I
9.00(.354)
11.00(.433)
7.00(.276)
41.40(1.630)
43.40(1.709)
2.50(.098)
8.00(.315)
4.50x8=36.00(1.417)
0.50(.020)
4.5(.177)x9=40.5(1.59)
E0.5(.02)
3.00(.118) MIN.
+
PIN.1
BA-9x4AD
PIN 1.
30 29 28 27 26 25 24 23 22 21
123456789 10
A BCD E F G H J
K
A BCD E F G H J K
BA-15D15UD
MN P Q R
5.1(.200)
1.78(.070)
2.54(.100)TYP.
2.54(.100)x14=35.56(1.400)
38.1(1.500) MAX.
6.223 0.127
A
7.62(.300)
10.16(.400)
0.381(.015)
(0.245 .005)
A
20
M
11
N
12
P
13
19 18
Q
14
R
15
17 16
3.00(.118)
MIN.
0.50(.020)
+
A B C D E
10 98 76
12 3
4 5
AB C
D E
PIN 1
7.90(.311)
3.00(.116)MIN.
E0.5(.020)
2.54x4=10.16(.400)
1.70(.067)
12.70(.500)
5.0(.197)
10.10(.398)
2.54x4=10.16(.400)
7.62(.300)
+
K
F
6
5
4
2
1
3
A
B CD
AC
B
DE
18
17
16
15
14
12 13
9
8
710
NP: 11.
F
E
G
GH IJ K
HI
J
L
21
20
19
L
0.50(.020)
3.00(.118)MIN.
8.00(.315)
5.00(.197)
4.30x11=47.30(1.862)
4.00(.157)
2.54x20=50.80(2.00)
58.00(2.283)
56.00(2.205)
E0.50 (.020)
PIN.1
1.50(.059)
1.60(.063)
7.00(.276)
0.25(.010)
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.



Html Pages

1 2