Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM10CS10 Datasheet(PDF) 2 Page - Cynergy3 Co

No. de pieza LM10CS10
Descripción Electrónicos  For smaller tanks and restricted space
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYNERGY3 [Cynergy3 Co]
Página de inicio  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

LM10CS10 Datasheet(HTML) 2 Page - Cynergy3 Co

  LM10CS10 Datasheet HTML 1Page - Cynergy3 Co LM10CS10 Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
•
• Use in sewer and
industrial waste
water
•
•
•
For smaller tanks and
restricted space
Shape avoids
“ragging”, in sewer
systems
Unaffected by
suspended solids
Operates in Turbulent
Fluids
This is suitable for use in water, industrial wastewater and sewage, that can have wide
variations of temperature. This small design of switch is for use in more confined spaces, where
there is not enough room for the larger FFSMC type.
The rounded body design and floating attitude prevents accumulation of solids on the body.
The switch has additional internal ballast, to bring the centre of gravity and rotation close to the
cable entry point.
The switching element is a self cleaning type, that makes the complete switch insensitive to
humidity and condensation, allowing this type to operate in widely fluctuating temperatures. The
switch contacts are rated at 10 Amp resistive.
Supplied, as standard, with 5 metres cable and adjustable counterweight.
Cynergy3 Components Ltd
7 Cobham Road
Ferndown Industrial Estate
Wimborne
Dorset BH21 7PE
Tel:
+44 (0) 1202 897969
sales@cynergy3.com
MECHANICAL
On - Off
Differential
15°
15°
Off - On
47
75
Part Numbering System
Series
Max. current
Contact Form
A = n/o
B = n/c
C = c/o
Blank = PVC
U = Polyurethane
N = Neoprene
S = Silicone
Cable length in mtrs:
Blank = 5M standard
LM 10 A U 10
Cable covering:
Installation
Minimum Cable Pivot
length 120mm
Technical Specifications
LM10A
LM10B
LM10C
Contact Form
N/O
N/C
C/O
Material
High Density Polyethylene
Temp Range
°C
0 / +55
°F
+ 32 / +131
Cable (standard length 5m)
With protective earth
no earth
Standard cable covering
PVC
U cable option for Fuel oils
Polyurethane
Max. working pressure
10 bar
Electrical Specifications
Power Rating
Max
AC : 750 VA DC : 180W
Switching Voltage
Max
AC : 250 V DC : 110 V
Switching Current Max. Resistive
10 A
Switching Current Max. Inductive
AC : 4A DC : 1 A
129
cable
external
counterweight
differential
pipe
cable entrance
tie
brown
wiring diagram
for emptying pump
wiring diagram
for filling pump
black
brown
pump - on
level drop
pump - off
black
pump - off
level drop
pump - on
brown
blue
blue
brown
It is necessary to use an auxiliary relay, when switching pump motors or any loads that are not
purely resistive.
LM Series
LM Series
www.cynergy3.com
www.cynergy3.com
ISO 9001
ISO 9001
C E R T I F IED
C E R T I F IED
© 2011 Cynergy3 Components, All Rights Reserved.
© 2011 Cynergy3 Components, All Rights Reserved.
Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com