Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PC87310 Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza PC87310
Descripción Electrónicos  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 44Page - National Semiconductor (TI) PC87310 Datasheet HTML 45Page - National Semiconductor (TI) PC87310 Datasheet HTML 46Page - National Semiconductor (TI) PC87310 Datasheet HTML 47Page - National Semiconductor (TI) PC87310 Datasheet HTML 48Page - National Semiconductor (TI) PC87310 Datasheet HTML 49Page - National Semiconductor (TI) PC87310 Datasheet HTML 50Page - National Semiconductor (TI) PC87310 Datasheet HTML 51Page - National Semiconductor (TI) PC87310 Datasheet HTML 52Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
70 AC Electrical Characteristics All timings are referenced to valid 0 and valid 1 (Continued)
RECEIVER
Symbol
Parameter
Conditions
Min
Max
Units
tRAI
Delay from Active Edge of RD
98
ns
to Reset Interrupt
tRINT
Delay from Inactive Edge of RD
60
ns
(RD LSR) to Reset Interrupt
tSCD
Delay from RCLK
(Note 1)
41
ns
to Sample Time
tSINT
Delay from Stop to Set Interrupt
2
BAUDOUT
Cycles
Note 1
This is an internal timing and therefore is not tested
Receiver Timing
TLC10591 – 27
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52