| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DM9161 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DM9161 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers |
|
39 / 47 page ![]() DM9161 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver Final 39 Version: DM9161-DS-F02 May 10,2002 9.4.18 RMII Timing Diagram TXD[1:0], TX_EN, RXD[1:0], CRS_DV, RX_ER REF_CLK Tsu Thold 9.4.19 RMII Timing Parameter Symbol Parameter Min. Typ. Max. Unit Conditions REF_CLK Frequency 50 MHz REF_CLK Duty Cycle 35 65 % Tsu TXD[1:0], TX_EN, RXD[1:0], CRS_DV, RX_ER Data Setup to REF_CLK rising edge 4ns Thold TXD[1:0], TX_EN, RXD[1:0], CRS_DV, RX_ER Data hold from REF_CLK rising edge 2ns |