Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

080N03LS Datasheet(PDF) 4 Page - Infineon Technologies AG

No. de pieza 080N03LS
Descripción Electrónicos  OptiMOS?? Power-MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

080N03LS Datasheet(HTML) 4 Page - Infineon Technologies AG

  080N03LS Datasheet HTML 1Page - Infineon Technologies AG 080N03LS Datasheet HTML 2Page - Infineon Technologies AG 080N03LS Datasheet HTML 3Page - Infineon Technologies AG 080N03LS Datasheet HTML 4Page - Infineon Technologies AG 080N03LS Datasheet HTML 5Page - Infineon Technologies AG 080N03LS Datasheet HTML 6Page - Infineon Technologies AG 080N03LS Datasheet HTML 7Page - Infineon Technologies AG 080N03LS Datasheet HTML 8Page - Infineon Technologies AG 080N03LS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BSC080N03LS G
1 Power dissipation
2 Drain current
P tot=f(T C)
I D=f(T C); V GS≥10 V
3 Safe operating area
4 Max. transient thermal impedance
I D=f(V DS); T C=25 °C; D =0
Z thJC=f(t p)
parameter: t p
parameter: D =t p/T
1 µs
10 µs
100 µs
1 ms
10 ms
DC
10-1
100
101
102
10-1
100
101
102
103
V
DS [V]
limited by on-state
resistance
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10-6
10-5
10-4
10-3
10-2
10-1
100
0.01
0.1
1
10
0
0
0
0
0
0
1
t
p [s]
0
10
20
30
40
0
40
80
120
160
T
C [°C]
0
10
20
30
40
50
60
0
40
80
120
160
T
C [°C]
Rev. 2.1
page 4
2013-05-17



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com