| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DS2156L Datasheet(PDF) 7 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2156L Datasheet(HTML) 7 Page - Dallas Semiconductor |
|
7 / 262 page ![]() DS2156 7 of 262 FIGURE 34-1. RECEIVE-SIDE D4 TIMING ..............................................................................................................233 FIGURE 34-2. RECEIVE-SIDE ESF TIMING ............................................................................................................233 FIGURE 34-3. RECEIVE-SIDE BOUNDARY TIMING (WITH ELASTIC STORE DISABLED)..........................................234 FIGURE 34-4. RECEIVE-SIDE 1.544MHZ BOUNDARY TIMING (WITH ELASTIC STORE ENABLED).......................234 FIGURE 34-5. RECEIVE-SIDE 2.048MHZ BOUNDARY TIMING (WITH ELASTIC STORE ENABLED).......................235 FIGURE 34-6. TRANSMIT SIDE D4 TIMING............................................................................................................235 FIGURE 34-7. TRANSMIT-SIDE ESF TIMING..........................................................................................................236 FIGURE 34-8. TRANSMIT-SIDE BOUNDARY TIMING (WITH ELASTIC STORE DISABLED) .....................................236 FIGURE 34-9. TRANSMIT-SIDE 1.544MHZ BOUNDARY TIMING (WITH ELASTIC STORE ENABLED) ....................237 FIGURE 34-10. TRANSMIT-SIDE 2.048MHZ BOUNDARY TIMING (WITH ELASTIC STORE ENABLED) ..................237 34.2 E1 MODE .................................................................................................................................................238 FIGURE 34-11. RECEIVE-SIDE TIMING............................................................................................................238 FIGURE 34-12. RECEIVE-SIDE BOUNDARY TIMING (WITH ELASTIC STORE DISABLED)........................................238 FIGURE 34-13. RECEIVE-SIDE BOUNDARY TIMING, RSYSCLK = 1.544MHZ (ELASTIC STORE ENABLED) .......239 FIGURE 34-14. RECEIVE-SIDE BOUNDARY TIMING, RSYSCLK = 2.048MHZ (ELASTIC STORE ENABLED) .......239 FIGURE 34-15. RECEIVE IBO CHANNEL INTERLEAVE MODE TIMING..................................................................240 FIGURE 34-16. RECEIVE IBO FRAME INTERLEAVE MODE TIMING ......................................................................241 FIGURE 34-17. G.802 TIMING, E1 MODE ONLY ...................................................................................................242 FIGURE 34-18. TRANSMIT-SIDE TIMING ...............................................................................................................242 FIGURE 34-19. TRANSMIT-SIDE BOUNDARY TIMING (ELASTIC STORE DISABLED) .............................................243 FIGURE 34-20. TRANSMIT-SIDE BOUNDARY TIMING, TSYSCLK = 1.544MHZ (ELASTIC STORE ENABLED) ....243 FIGURE 34-22. TRANSMIT IBO CHANNEL INTERLEAVE MODE TIMING...............................................................245 FIGURE 34-23. TRANSMIT IBO FRAME INTERLEAVE MODE TIMING ...................................................................246 35. OPERATING PARAMETERS ................................................................................................................247 36. AC TIMING PARAMETERS AND DIAGRAMS .................................................................................249 36.1 MULTIPLEXED BUS AC CHARACTERISTICS ............................................................................................249 FIGURE 36-1. INTEL BUS READ TIMING (BTS = 0/MUX = 1) ..............................................................................250 FIGURE 36-2. INTEL BUS WRITE TIMING (BTS = 0/MUX = 1) ............................................................................250 FIGURE 36-3. MOTOROLA BUS TIMING (BTS = 1/MUX = 1)...............................................................................251 36.2 NONMULTIPLEXED BUS AC CHARACTERISTICS .....................................................................................252 FIGURE 36-4. INTEL BUS READ TIMING (BTS = 0/MUX = 0) ..............................................................................253 FIGURE 36-5. INTEL BUS WRITE TIMING (BTS = 0/MUX = 0) ............................................................................253 FIGURE 36-6. MOTOROLA BUS READ TIMING (BTS = 1/MUX = 0).....................................................................254 FIGURE 36-7. MOTOROLA BUS WRITE TIMING (BTS = 1/MUX = 0)...................................................................254 36.3 RECEIVE-SIDE AC CHARACTERISTICS ....................................................................................................255 FIGURE 36-9. RECEIVE-SIDE TIMING, ELASTIC STORE ENABLED ........................................................................257 FIGURE 36-10. RECEIVE LINE INTERFACE TIMING ...............................................................................................257 36.4 TRANSMIT AC CHARACTERISTICS ..........................................................................................................258 FIGURE 36-11. TRANSMIT-SIDE TIMING ...............................................................................................................259 FIGURE 36-12. TRANSMIT-SIDE TIMING, ELASTIC STORE ENABLED....................................................................260 FIGURE 36-13. TRANSMIT LINE INTERFACE TIMING ............................................................................................260 36.5 UTOPIA TRANSMIT AC CHARACTERISTICS ..........................................................................................261 36.6 UTOPIA RECEIVE AC CHARACTERISTICS .............................................................................................261 FIGURE 36-14. UTOPIA INTERFACE SETUP AND HOLD TIMES............................................................................261 FIGURE 36-15. UTOPIA INTERFACE DELAY TIMES .............................................................................................261 37. MECHANICAL DESCRIPTION ............................................................................................................262 37.1 LQFP (L) PACKAGE ................................................................................................................................262 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |