Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PI3302-03 Datasheet(PDF) 3 Page - Vicor Corporation

No. de pieza PI3302-03
Descripción Electrónicos  11V to 36VIN, 5 Vout, 15A, Cool-Power ZVS Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3302-03 Datasheet(HTML) 3 Page - Vicor Corporation

  PI3302-03 Datasheet HTML 1Page - Vicor Corporation PI3302-03 Datasheet HTML 2Page - Vicor Corporation PI3302-03 Datasheet HTML 3Page - Vicor Corporation PI3302-03 Datasheet HTML 4Page - Vicor Corporation PI3302-03 Datasheet HTML 5Page - Vicor Corporation PI3302-03 Datasheet HTML 6Page - Vicor Corporation PI3302-03 Datasheet HTML 7Page - Vicor Corporation PI3302-03 Datasheet HTML 8Page - Vicor Corporation PI3302-03 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Cool-Power®
Rev 1.1
vicorpower.com
Page 3 of 17
05/2016
800 927.9474
PI3302-03
Order Information
Notes: At 25°C ambient temperature. Stresses beyond these limits may cause permanent damage to the device. Operation at these conditions or conditions
beyond those listed in the Electrical Specifications table is not guaranteed. All voltage nodes are referenced to PGND unless otherwise noted. Test conditions
are per the specifications within the individual product electrical characteristics.
Cool-Power
Output Range
IOUT Max
Package
Transport
Media
Set
Range
PI3302-03-LGIZ
5.0V
3.3 to 6.5V
15A
10mm x 14mm 123-pin LGA
TRAY
Name
Rating
VIN
–0.7V to 36V
VS1
–0.7 to 36V, –4V for 5ns
SGND
100mA
PGD, SYNCO, SYNCI, EN, EAO, ADJ, TRK, ADR1, ADR2, SCL, SDA, REM
–0.3V to 5.5V / 5mA
VOUT
–1.5V to 21V
Storage Temperature
–65°C to 150°C
Operating Junction Temperature
–40°C to 125°C
Soldering Temperature for 20 seconds
245°C
ESD Rating
2kV HBM
Absolute Maximum Ratings
Functional Block Diagram
Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com