| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP3918A1T-E/ML Datasheet(PDF) 73 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3918A1T-E/ML Datasheet(HTML) 73 Page - Microchip Technology |
|
73 / 88 page ![]() 2014 Microchip Technology Inc. DS20005287A-page 73 MCP3918 9.6 CONFIG0 Register - Configuration Register 0 Name Bits Address Cof. CONFIG0 24 0x0D R/W REGISTER 9-6: CONFIG0 REGISTER R/W-0 R/W-0 R/W-1 R/W-1 R/W-1 R/W-0 R/W-0 R/W-0 EN_OFFCAL EN_GAINCAL DITHER<1> DITHER<0> BOOST<1> BOOST<0> PRE<1> PRE<0> bit 23 bit 16 R/W-0 R/W-1 R/W-1 U-0 U-0 U-0 U-0 U-0 OSR<2> OSR<1> OSR<0> — — — — — bit 15 bit 8 R/W-0 R/W-1 R/W-0 R/W-1 R/W-0 R/W-0 R/W-0 R/W-0 VREFCAL<7> VREFCAL<6> VREFCAL<5> VREFCAL<4> VREFCAL<3> VREFCAL<2> VREFCAL<1> VREFCAL<0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 23 EN_OFFCAL: Enables the 24-bit digital offset error calibration on all channels 1 = Enabled. This mode does not add any group delay to the ADC data. 0 = Disabled (Default) bit 22 EN_GAINCAL: Enables or disables the 24-bit digital gain error calibration on all channels 1 = Enabled. This mode adds a group delay on all channels of 24 DMCLK periods. All Data Ready pulses are delayed by 24 clock periods, compared to the mode with EN_GAINCAL = 0. 0 = Disabled (Default) bit 21-20 DITHER<1:0>: Control for dithering circuit for idle tones cancellation and improved THD on all channels 11 = Dithering ON, Strength = Maximum (Default) 10 = Dithering ON, Strength = Medium 01 = Dithering ON, Strength = Minimum 00 = Dithering turned OFF bit 19-18 BOOST<1:0>: Bias Current Selection for the ADC (impacts achievable maximum sampling speed, see Table 5-2) 11 = All channels have current x 2 10 = All channels have current x 1 (Default) 01 = All channels have current x 0.66 00 = All channels have current x 0.5 bit 17-16 PRE<1:0> Analog Master Clock (AMCLK) Prescaler Value 11 =AMCLK = MCLK/8 10 =AMCLK = MCLK/4 01 =AMCLK = MCLK/2 00 = AMCLK = MCLK (Default) |