| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ML610Q438 Datasheet(PDF) 21 Page - LAPIS Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ML610Q438 Datasheet(HTML) 21 Page - LAPIS Semiconductor Co., Ltd. |
|
21 / 39 page ![]() FEDL610Q438-04 ML610Q438/ML610Q439 21/39 TERMINATION OF UNUSED PINS Table 3 shows methods of terminating the unused pins. Table 3 Termination of Unused Pins Pin Recommended pin termination VPP Open AVDD VSS AVSS VSS VREF VSS AIN0, AIN1 Open VL1, VL2, VL3, VL4 Open C1, C2, C3, C4 Open RESET_N Open TEST Open NMI Open P00 to P07 VDD or VSS P10 to P11 VDD P20 to P22 Open P30 to P35 Open P40 to P47 Open PA0 to PA5 Open COM0 to 23 Open SEG0 to 63 Open Note: It is recommended to set the unused input ports and input/output ports to the inputs with pull-down resistors/pull-up resistors or the output mode since the supply current may become excessively large if the pins are left open in the high impedance input setting. The main difference points of ML610Q438 and ML610Q439 Table 4 The main difference points of ML610Q438 and ML610Q439. Function ML610Q438 ML610Q439 LCD COM COM23 to COM0 COM15 to COM0 LCD SEG SEG55 to SEG0 SEG63 to SEG0 |