Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RT9168A-49CS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

No. de pieza RT9168A-49CS
Descripción Electrónicos  200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

RT9168A-49CS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RT9168A-49CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9168A-49CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9168A-49CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9168A-49CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9168A-49CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9168A-49CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9168A-49CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9168A-49CS Datasheet HTML 9Page - List of Unclassifed Manufacturers RT9168A-49CS Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
RT9168/A
www.richtek-ic.com.tw
DS9168/A-03 May 2001
6
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
≈≈≈≈
≈≈≈≈
50
1
-50
60
40
20
0
-20
Load Transient Response
Time (50
µS/Div)
COUT = 4.7
µF
CIN = 10
µF
VOUT = 3.0V
VIN = 4V
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
≈≈≈≈
≈≈≈≈
50
1
-50
60
40
20
0
-20
Load Transient Response
Time (50
µS/Div)
COUT = 1
µF
CIN = 10
µF
VOUT = 3.0V
VIN = 4V
T
T
T
1↓
1↓
1↓
1↓
2 >
2 >
2 >
2 >
≈≈≈≈
≈≈≈≈
5
4
150
100
50
0
-50
Line Transient Response
Time (1mS/Div)
COUT = 1
µF
VOUT = 3.0V
Loading = 1mA
T
T
T
1↓
1↓
1↓
1↓
2 >
2 >
2 >
2 >
≈≈≈≈
≈≈≈≈
5
4
150
100
50
0
-50
Line Transient Response
Time (500
µS/Div)
COUT = 4.7
µF
VOUT = 3.0V
Loading = 1mA
T
T
T
1↓
1↓
1↓
1↓
2 >
2 >
2 >
2 >
≈≈≈≈
≈≈≈≈
5
4
150
100
50
0
-50
Line Transient Response
Time (1mS/Div)
COUT = 1
µF
VOUT = 3.0V
Loading = 50mA
T
T
T
1↓
1↓
1↓
1↓
2 >
2 >
2 >
2 >
≈≈≈≈
≈≈≈≈
5
4
60
40
20
0
-20
Line Transient Response
Time (500
µS/Div)
COUT = 4.7
µF
VOUT = 3.0V
Loading = 50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com