| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
OMAP3530ECBCA Datasheet(PDF) 70 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBCA Datasheet(HTML) 70 Page - Texas Instruments |
|
70 / 265 page ![]() OMAP3530, OMAP3525 SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 www.ti.com Table 2-3. Ball Characteristics (CUS Pkg.) (continued) BALL BALL TOP [2] PIN NAME [3] MODE [4] TYPE [5] BALL RESET BALL RESET RESET REL. POWER [9] HYS [10] BUFFER PULLUP BOTTOM [1] STATE [6] REL. STATE MODE [8] STRENG TH /DOWN TYPE [7] (mA) [11] [12] C12 sdrc_d9 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS B12 sdrc_d10 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS D13 sdrc_d11 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS C13 sdrc_d12 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS B14 sdrc_d13 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS A14 sdrc_d14 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS B15 sdrc_d15 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS C9 sdrc_d16 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS E12 sdrc_d17 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS B8 sdrc_d18 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS B9 sdrc_d19 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS C10 sdrc_d20 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS B10 sdrc_d21 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS D12 sdrc_d22 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS E13 sdrc_d23 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS E15 sdrc_d24 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS D15 sdrc_d25 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS C15 sdrc_d26 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS B16 sdrc_d27 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS C16 sdrc_d28 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS D16 sdrc_d29 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS B17 sdrc_d30 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS B18 sdrc_d31 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS C18 sdrc_ba0 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS D18 sdrc_ba1 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS A4 sdrc_a0 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS B4 sdrc_a1 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS D6 sdrc_a2 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS B3 sdrc_a3 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS B2 sdrc_a4 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS C3 sdrc_a5 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS E3 sdrc_a6 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS F6 sdrc_a7 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS E10 sdrc_a8 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS E9 sdrc_a9 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS E7 sdrc_a10 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS G6 sdrc_a11 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS G7 sdrc_a12 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS F7 sdrc_a13 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS F9 sdrc_a14 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS A19 sdrc_ncs0 0 O 1 1 0 vdds_ mem No 4 NA LVCMOS B19 sdrc_ncs1 0 O 1 1 0 vdds_ mem No 4 NA LVCMOS A10 sdrc_clk 0 IO L 0 0 vdds_ mem Yes 4 PU/ PD LVCMOS A11 sdrc_nclk 0 O 1 1 0 vdds_ mem No 4 NA LVCMOS B20 sdrc_cke0 0 O H 1 7 vdds_ mem Yes 4 PU/ PD LVCMOS safe_mode 7 C20 sdrc_cke1 0 O H 1 7 vdds_ mem Yes 4 PU/ PD LVCMOS safe_mode 7 D19 sdrc_nras 0 O 1 1 0 vdds_ mem No 4 NA LVCMOS C19 sdrc_ncas 0 O 1 1 0 vdds_ mem No 4 NA LVCMOS A20 sdrc_nwe 0 O 1 1 0 vdds_ mem No 4 NA LVCMOS B6 sdrc_dm0 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS B13 sdrc_dm1 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS A7 sdrc_dm2 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS A16 sdrc_dm3 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS 70 TERMINAL DESCRIPTION Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |