Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OMAP3530ECBC72 Datasheet(PDF) 43 Page - Texas Instruments

No. de pieza OMAP3530ECBC72
Descripción Electrónicos  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBC72 Datasheet(HTML) 43 Page - Texas Instruments

Back Button OMAP3530ECBC72 Datasheet HTML 39Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 40Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 41Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 42Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 43Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 44Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 45Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 46Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 2-1. Ball Characteristics (CBB Pkg.)(1) (continued)
BALL
BALL TOP
PIN NAME
MODE [4]
TYPE [5]
BALL
BALL
RESET REL. POWER [9]
HYS [10]
BUFFER
PULLUP
IO CELL [13]
BOTTOM [1] [2]
[3]
RESET
RESET REL. MODE [8]
STRENG TH /DOWN
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
safe_mode
7
AA17
NA
jtag_ntrst
0
I
L
L
0
vdds
Yes
NA
PU/ PD
LVCMOS
AA13
NA
jtag_tck
0
I
L
L
0
vdds
Yes
NA
PU/ PD
LVCMOS
AA12
NA
jtag_rtck
0
O
L
0
0
vdds
Yes
8
PU/ PD
LVCMOS
AA18
NA
jtag_tms_tms 0
IO
H
H
0
vdds
Yes
8
PU/ PD
LVCMOS
c
AA20
NA
jtag_tdi
0
I
H
H
0
vdds
Yes
NA
PU/ PD
LVCMOS
AA19
NA
jtag_tdo
0
O
L
Z
0
vdds
Yes
8
PU/ PD
LVCMOS
AA11
NA
jtag_emu0
0
IO
H
H
0
vdds
Yes
8
PU/ PD
LVCMOS
gpio_11
4
IO
safe_mode
7
AA10
NA
jtag_emu1
0
IO
H
H
0
vdds
Yes
8
PU/ PD
LVCMOS
gpio_31
4
IO
safe_mode
7
AF10
NA
etk_clk
0
O
H
H
4
vdds
Yes
4
PU/ PD
LVCMOS
mcbsp5_
1
IO
clkx
mmc3_clk
2
O
hsusb1_stp
3
O
gpio_12
4
IO
mm1_rxdp
5
IO
hsusb1_tll_st 6
I
p
AE10
NA
etk_ctl
0
O
H
H
4
vdds
Yes
4
PU/ PD
LVCMOS
mmc3_cmd
2
IO
hsusb1_clk
3
O
gpio_13
4
IO
hsusb1_tll_cl 6
O
k
AF11
NA
etk_d0
0
O
H
H
4
vdds
Yes
4
PU/ PD
LVCMOS
mcspi3_
1
IO
simo
mmc3_dat4
2
IO
hsusb1_
3
IO
data0
gpio_14
4
IO
mm1_rxrcv
5
IO
hsusb1_tll_
6
IO
data0
AG12
NA
etk_d1
0
O
H
H
4
vdds
Yes
4
PU/ PD
LVCMOS
mcspi3_
1
IO
somi
hsusb1_
3
IO
data1
gpio_15
4
IO
mm1_txse0
5
IO
hsusb1_tll_
6
IO
data1
AH12
NA
etk_d2
0
O
H
H
4
vdds
Yes
4
PU/ PD
LVCMOS
mcspi3_cs0
1
IO
hsusb1_
3
IO
data2
gpio_16
4
IO
mm1_txdat
5
IO
hsusb1_tll_d 6
IO
ata2
AE13
NA
etk_d3
0
O
H
H
4
vdds
Yes
4
PU/ PD
LVCMOS
mcspi3_clk
1
IO
mmc3_dat3
2
IO
Copyright © 2008–2013, Texas Instruments Incorporated
TERMINAL DESCRIPTION
43
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More