| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DSC-TIMEFLASH Datasheet(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSC-TIMEFLASH Datasheet(HTML) 1 Page - Microchip Technology |
|
|
1 / 1 page ![]() Time Flash Oscillator Programming Kit without Socket Cards Part Number: DSC-TIMEFLASH The TimeFlash programmer allows users to rapidly program Microchip’s field programmable MEMS oscillator to a custom frequency in seconds, minimizing design time by enabling fast prototyping and testing. Our MEMS oscillators are available in industry standard packages that are drop-in replacements to standard crystal oscillators. This kit does not include socket cards. Please order socket cards separately. Features • Custom frequencies in seconds with immediate design verification • Supports all Microchip MEMS oscillator package sizes • Supports CMOS, LVPECL, LVDS, and HCSL output types • Easy to use interface with auto software update ©Copyright 1998-2016 Microchip Technology Inc. All rights reserved. Shanghai ICP Recordal No.09049794 |
Número de pieza similar - DSC-TIMEFLASH |
|
Descripción similar - DSC-TIMEFLASH |