| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MSR Datasheet(PDF) 2 Page - Illinois Capacitor, Inc. |
|
|
|||||||||||||||||||||||||||||
MSR Datasheet(HTML) 2 Page - Illinois Capacitor, Inc. |
|
2 / 2 page ![]() MSR Metallized Polyester Epoxy Dipped Radial lead Capacitance (µF) WVDC IC PART NUMBER dv/dt (v/µ sec.) Dims LxHxT (mm) S (MM) d (MM) 0.01 400 103MSR400K 160 10.5x9x5.5 7.5 0.6 0.01 630 103MSR630K 200 13x10x6 10 0.6 0.01 1000 103MSR102K 80 14x11.5x7 10 0.6 0.015 250 153MSR250K 110 10.5x9.5x5.5 7.5 0.6 0.015 400 153MSR400K 160 10.5x9.5x5.5 7.5 0.6 0.015 630 153MSR630K 200 13x10.5x6.5 10 0.6 0.015 1000 153MSR102K 80 14x11.5x8 10 0.6 0.022 250 223MSR250K 110 10.5x9.5x5.5 7.5 0.6 0.022 400 223MSR400K 160 13x9.5x6 10 0.6 0.022 630 223MSR630K 200 13x12.5x7.5 10 0.6 0.022 1000 223MSR102K 40 19x12.5x8.5 15 0.8 0.033 250 333MSR250K 110 10.5x9.5x6 7.5 0.6 0.033 400 333MSR400K 160 13x10.5x6.5 10 0.6 0.033 630 333MSR630K 90 18.5x12x6.5 15 0.8 0.033 1000 333MSR102K 40 19.5x14x9.5 15 0.8 0.047 100 473MSR100K 35 10.5x9.5x6 7.5 0.6 0.047 250 473MSR250K 110 12.5x9x5 10 0.6 0.047 400 473MSR400K 160 13x11x7 10 0.6 0.047 630 473MSR630K 90 18x12.5x7.5 15 0.6 0.047 1000 473MSR102K 33 27x14x9 22.5 0.8 0.068 100 683MSR100K 35 10.5x9.5x6 7.5 0.6 0.068 250 683MSR250K 110 12.5x10x5 10 0.6 0.068 400 683MSR400K 65 17.5x10x5.5 15 0.8 0.068 630 683MSR630K 90 18.5x14x8.5 15 0.8 0.068 1000 683MSR102K 33 27x15x10 22.5 0.8 0.1 100 104MSR100K 30 12.5x8.5x5.5 10 0.6 0.1 250 104MSR250K 110 13x10x6.5 10 0.6 0.1 400 104MSR400K 65 18.5x12x7 15 0.8 0.1 630 104MSR630K 90 18.5x15.5x10 15 0.8 0.1 1000 104MSR102K 33 27x16.5x11.5 22.5 0.8 0.15 100 154MSR100K 30 13x9x5.5 10 0.6 0.15 250 154MSR250K 110 13x13x7 10 0.6 Capacitance (µF) WVDC IC PART NUMBER dv/dt (v/µ sec.) Dims LxHxT (mm) S (MM) d (MM) 0.15 400 154MSR400K 65 18.5x13.5x8 15 0.8 0.15 630 154MSR630K 35 22.5x16.5x9.5 20 0.8 0.22 100 224MSR100K 30 13x10x6.5 10 0.6 0.22 250 224MSR250K 45 18x11.5x6 15 0.8 0.22 400 224MSR400K 30 22.5x14.5x8 20 0.8 0.22 630 224MSR630K 35 22.5x19x11.5 20 0.8 0.22 1000 224MSR102K 20 32.5x22.5x14.5 27.5 0.8 0.33 100 334MSR100K 20 17.5x10x5.5 15 0.8 0.33 250 334MSR250K 45 18.5x12x7 15 0.8 0.33 400 334MSR400K 30 22.5x15x9 20 0.8 0.33 630 334MSR630K 30 32x19x12 27.5 0.8 0.33 1000 334MSR102K 20 32.5x25.5x16 27.5 0.8 0.47 100 474MSR100K 20 18x11x7 15 0.6 0.47 250 474MSR250K 20 22.5x12.5x7.5 20 0.8 0.47 400 474MSR400K 30 23.5x19x10.5 20 0.8 0.47 630 474MSR630K 30 32x22x13.5 27.5 0.8 0.47 1000 474MSR102K 20 32.5x26.5x18.5 27.5 0.8 0.68 100 684MSR100K 20 18.5x12.5x7.5 15 0.6 0.68 250 684MSR250K 20 22.5x13.5x8.5 20 0.8 0.68 400 684MSR400K 25 32x19x12 27.5 0.8 0.68 630 684MSR630K 30 33x24.5x14 27.5 0.8 1 100 105MSR100K 20 18.5x13.5x8.5 15 0.8 1 250 105MSR250K 20 22.5x15x10 20 0.8 1 400 105MSR400K 25 30.5x21x12.5 27.5 0.8 1.5 100 155MSR100K 10 22.5x14.5x8 20 0.8 1.5 250 155MSR250K 15 30x17.5x9.5 27.5 0.8 2.2 100 225MSR100K 10 22.5x16.5x10 20 0.8 2.2 250 225MSR250K 15 30.5x22x12 27.5 0.8 3.3 100 335MSR100K 10 22.5x20x12 20 0.8 4.7 100 475MSR100K 5 30x20.5x11 27.5 0.8 6.8 100 685MSR100K 5 32x23.5x14.5 27.5 0.8 10 100 106MSR100K 5 32x28.5x17.5 27.5 0.8 |