| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPR Datasheet(PDF) 2 Page - Illinois Capacitor, Inc. |
|
|
|||||||||||||||||||||||||||||
MPR Datasheet(HTML) 2 Page - Illinois Capacitor, Inc. |
|
2 / 2 page ![]() MPR Metallized Polypropylene Epoxy Dipped Radial Lead Capacitance (µF) WVDC IC PART NUMBER dv/dt (v/µ sec.) Dims LxHxT (mm) S (MM) d (MM) 0.01 400 103MPR400K 350 13x9x5 10 0.6 0.01 630 103MPR630K 420 13x10x6 10 0.6 0.015 250 153MPR250K 220 13x9x5 10 0.6 0.015 400 153MPR400K 350 13x9.5x5 10 0.6 0.015 630 153MPR630K 420 13x11x7 10 0.6 0.022 250 223MPR250K 220 13x9x5 10 0.6 0.022 400 223MPR400K 350 13x10.5x5.5 10 0.6 0.022 630 223MPR630K 420 13x12.5x8.5 10 0.6 0.033 250 333MPR250K 220 13x9x5.5 10 0.6 0.033 400 333MPR400K 350 13x11x6.5 10 0.6 0.033 630 333MPR630K 400 18x11.5x7.5 15 0.8 0.047 250 473MPR250K 220 13x9.5x5.5 10 0.6 0.047 400 473MPR400K 350 13x11x7.5 10 0.6 0.047 630 473MPR630K 400 18x13.5x8.5 15 0.8 0.068 250 683MPR250K 220 13x10.5x6 10 0.6 0.068 400 683MPR400K 300 18x12x6.5 15 0.8 0.068 630 683MPR630K 400 18x15.5x9.5 15 0.8 0.1 250 104MPR250K 220 13x11x7 10 0.6 0.1 400 104MPR400K 300 18x12.5x7.5 15 0.8 0.1 630 104MPR630K 230 26x15x10 22.5 0.8 Capacitance (µF) WVDC IC PART NUMBER dv/dt (v/µ sec.) Dims LxHxT (mm) S (MM) d (MM) 0.15 250 154MPR250K 200 18x11x7 15 0.8 0.15 400 154MPR400K 185 26x13x7.5 22.5 0.8 0.15 630 154MPR630K 230 26x17x11 22.5 0.8 0.22 250 224MPR250K 200 18x12.5x7.5 15 0.8 0.22 400 224MPR400K 165 26x14x8.5 22.5 0.8 0.22 630 224MPR630K 180 31x17.5x10.5 27.5 0.8 0.22 1000 224MPR102K 135 31x18x9 27.5 0.8 0.33 250 334MPR250K 200 18x13x8.5 15 0.8 0.33 400 334MPR400K 165 26x15x10 22.5 0.8 0.33 630 334MPR630K 180 31x21.5x13 27.5 0.8 0.47 100 474MPR100K 100 18.5x14x8 15 0.8 0.47 250 474MPR250K 110 26x14x8.5 22.5 0.8 0.47 400 474MPR400K 150 31x16.5x10.5 27.5 0.8 0.47 630 474MPR630K 180 31x24.5x15.5 27.5 0.8 0.47 1000 474MPR102K 135 31x22x13 27.5 0.8 0.68 250 684MPR250K 115 26x15x9.5 22.5 0.8 1 250 105MPR250K 110 26x16x12 22.5 0.8 1 400 105MPR400K 150 31x22x15 27.5 0.8 1.5 250 155MPR250K 100 31x18x13 27.5 0.8 2.2 250 225MPR250K 100 31x21x15 27.5 0.8 |