Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA10 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza BTA10
Descripción Electrónicos  10A TRIACS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA10 Datasheet(HTML) 1 Page - STMicroelectronics

  BTA10 Datasheet HTML 1Page - STMicroelectronics BTA10 Datasheet HTML 2Page - STMicroelectronics BTA10 Datasheet HTML 3Page - STMicroelectronics BTA10 Datasheet HTML 4Page - STMicroelectronics BTA10 Datasheet HTML 5Page - STMicroelectronics BTA10 Datasheet HTML 6Page - STMicroelectronics BTA10 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
®
1/7
Table 1: Main Features
DESCRIPTION
Available either in through-hole or surface-mount
packages, the BTA10 and BTB10 triac series is
suitable for general purpose AC switching. They
can be used as an ON/OFF function in applica-
tions such as static relays, heating regulation, in-
duction motor starting circuits... or for phase
control operation in light dimmers, motor speed
controllers,...
The snubberless version (W suffix) is specially
recommended for use on inductive loads, thanks
to their high commutation performances.
By using an internal ceramic pad, the BTA series
provides
voltage
insulated
tab
(rated
at
2500VRMS) complying with UL standards (File ref.:
E81734).
Symbol
Value
Unit
IT(RMS)
10
A
VDRM/VRRM
600 and 800
V
IGT (Q
1)
25 to 50
mA
BTA10 and BTB10 Series
10A TRIACS
REV. 6
February 2006
SNUBBERLESS™ & STANDARD
Table 2: Order Codes
Part Number
Marking
BTA10-xxxxxRG
See page table 8 on
page 6
BTB10-xxxxxRG
G
A2
A1
G
A2
A2
A1
TO-220AB Insulated
(BTA10)
TO-220AB
(BTB10)
A2
A1
G
Table 3: Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine
wave)
TO-220AB
Tc = 105°C
10
A
TO-220AB Ins. Tc = 95°C
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25°C)
F = 50 Hz
t = 20 ms
100
A
F = 60 Hz
t = 16.7 ms
105
I²tI²t Value for fusing
tp = 10 ms
55
A²s
dI/dt
Critical rate of rise of on-state cur-
rent IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 125°C
50
A/µs
VDSM/VRSM
Non repetitive surge peak off-state
voltage
tp = 10 ms
Tj = 25°C
VDSM/VRSM
+ 100
V
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4A
PG(AV)
Average gate power dissipation
Tj = 125°C
1W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C


Número de pieza similar - BTA10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BTA10 STMICROELECTRONICS-BTA10 Datasheet
60Kb / 4P
TRIACS
Mar-1995
logo
Sirectifier Semiconduct...
BTA10 SIRECTIFIER-BTA10 Datasheet
256Kb / 4P
Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA10 SIRECT-BTA10 Datasheet
1Mb / 4P
Discrete Triacs(Non-Isolated/Isolated)
logo
Unisonic Technologies
BTA10 UTC-BTA10 Datasheet
164Kb / 3P
10A TRIACS
logo
STMicroelectronics
BTA10 STMICROELECTRONICS-BTA10 Datasheet
634Kb / 14P
10 A Snubberless™, logic level and standard Triacs
February 2017 Rev 7
More results

Descripción similar - BTA10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
Triacs
August 1997 Rev 1.200
logo
Nell Semiconductor Co.,...
10TT06A-BW NELLSEMI-10TT06A-BW Datasheet
300Kb / 6P
TRIACs, 10A Snubberless and Standard
logo
Unisonic Technologies
BTB10A UTC-BTB10A Datasheet
166Kb / 3P
10A TRIACS
BTA10 UTC-BTA10 Datasheet
164Kb / 3P
10A TRIACS
BTA10A UTC-BTA10A Datasheet
166Kb / 3P
10A TRIACS
BTB10 UTC-BTB10 Datasheet
158Kb / 3P
10A TRIACS
BTB10 UTC-BTB10_15 Datasheet
163Kb / 3P
10A TRIACS
BTB10A UTC-BTB10A_15 Datasheet
166Kb / 3P
10A TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
logo
SiPower Inc.
BTA10 SIPOWER-BTA10 Datasheet
863Kb / 6P
10A Triacs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com