Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HV9408 Datasheet(PDF) 2 Page - Supertex, Inc

No. de pieza HV9408
Descripción Electrónicos  32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUTEX [Supertex, Inc]
Página de inicio  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9408 Datasheet(HTML) 2 Page - Supertex, Inc

  HV9408_13 Datasheet HTML 1Page - Supertex, Inc HV9408_13 Datasheet HTML 2Page - Supertex, Inc HV9408_13 Datasheet HTML 3Page - Supertex, Inc HV9408_13 Datasheet HTML 4Page - Supertex, Inc HV9408_13 Datasheet HTML 5Page - Supertex, Inc HV9408_13 Datasheet HTML 6Page - Supertex, Inc HV9408_13 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
HV9408
Supertex inc.
www.supertex.com
Doc.# DSFP-HV9408
B072213
Absolute Maximum Ratings
Supply voltage, V
DD
-0.5V to +7.0V
Supply voltage, V
PP
-0.5V to +90V
Logic input levels
-0.5V to V
DD +0.5V
Ground current1
1.5A
Continuous total power dissipation2
1200W
Operating temperature range
-40 to +85OC
Storage temperature range
-65 to +150OC
Parameter
Value
Sym
Parameter
Min
Max
Units
Recommended Operating Conditions
V
DD
Logic voltage supply
4.5
5.5
V
V
PP
High voltage supply
8.0
80
V
V
IH
Input high voltage
V
DD - 0.5
V
DD
V
V
IL
Input low voltage
0
0.5
V
f
CLK
Clock frequency
0
8.0
MHz
T
A
Operating free-air temperature
-40
+85
O
C
Notes:
1.
Duty cycle is limited by the total power dissipated in the package.
2.
For operation above 25°C ambient derate linearly to maximum operatin
temperature at 20mW/°C.
Product Marking
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
YY = Year Sealed
WW = Week Sealed
L = Lot Number
A = Assembler ID
C = Country of Origin*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW AAA
HV9408PJ
LLLLLLLLLL
CCCCCCCCCCC
44-Lead Plastic Leaded Chip Carrier
Package may or may not include the following marks: Si or
Part Number
Package Options
Packing
HV9408PJ-G
44-Lead PLCC
27/Tube
HV9408PJ-G M903 44-Lead PLCC
500/Reel
Ordering Information
Mounted on FR-4 board, 25mm x 25mm x 1.57mm
Typical Thermal Resistance
Package
θ
ja
44-Lead PLCC
37OC/W
-G denotes a lead (Pb)-free / RoHS compliant package
Pin Configuration
1 44
6
40
44-Lead Plastic Leaded Chip Carrier
(top view)



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com