Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RN2483-I/RM Datasheet(PDF) 7 Page - Microchip Technology

No. de pieza RN2483-I/RM
Descripción Electrónicos  Low-Power Long Range LoRa짰 Technology Transceiver Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2483-I/RM Datasheet(HTML) 7 Page - Microchip Technology

Back Button RN2483-I/RM Datasheet HTML 3Page - Microchip Technology RN2483-I/RM Datasheet HTML 4Page - Microchip Technology RN2483-I/RM Datasheet HTML 5Page - Microchip Technology RN2483-I/RM Datasheet HTML 6Page - Microchip Technology RN2483-I/RM Datasheet HTML 7Page - Microchip Technology RN2483-I/RM Datasheet HTML 8Page - Microchip Technology RN2483-I/RM Datasheet HTML 9Page - Microchip Technology RN2483-I/RM Datasheet HTML 10Page - Microchip Technology RN2483-I/RM Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2015 Microchip Technology Inc.
DS50002346B-page 7
RN2483
TABLE 2-3:
CURRENT CONSUMPTION
Mode
Typical Current at 3V (mA)
Idle
2.8
RX
14.2
Deep Sleep
0.0018
TABLE 2-4:
MODULE DIMENSIONS
Parameter
Value
Dimensions
17.8 x 26.7 x 3.34 mm
Weight
2.05g
TABLE 2-5:
OUTPUT POWER OF TX
POWER SETTING
Band
TX Power
Setting
Output
Power
(dBm)
Typical
Supply
Current at
3V (mA)
868 MHz
-3
-4.0
17.3
-2
-2.9
18.0
-1
-1.9
18.7
0
-1.7
20.2
1
-0.6
21.2
2
0.4
22.3
3
1.4
23.5
4
2.5
24.7
5
3.6
26.1
6
4.7
27.5
7
5.8
28.8
8
6.9
30.0
9
8.1
31.2
10
9.3
32.4
11
10.4
33.7
12
11.6
35.1
13
12.5
36.5
14
13.5
38.0
15
14.1
38.9
433 MHz
-3
-3.5
14.7
-2
-2.3
15.1
-1
-1.3
15.6
0
-2.3
15.8
1
-1.2
16.4
2
-0.1
17.0
3
1.0
17.7
4
2.1
18.5
5
3.2
19.4
6
4.3
20.3
7
5.4
21.4
8
6.5
22.3
9
7.6
23.3
10
8.8
24.5
11
9.9
25.8
12
10.9
27.3
13
11.9
28.8
14
12.9
30.7
15
13.6
32.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com