Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RN2903 Datasheet(PDF) 5 Page - Microchip Technology

No. de pieza RN2903
Descripción Electrónicos  Low-Power Long Range LoRa Technology Transceiver Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2903 Datasheet(HTML) 5 Page - Microchip Technology

  RN2903 Datasheet HTML 1Page - Microchip Technology RN2903 Datasheet HTML 2Page - Microchip Technology RN2903 Datasheet HTML 3Page - Microchip Technology RN2903 Datasheet HTML 4Page - Microchip Technology RN2903 Datasheet HTML 5Page - Microchip Technology RN2903 Datasheet HTML 6Page - Microchip Technology RN2903 Datasheet HTML 7Page - Microchip Technology RN2903 Datasheet HTML 8Page - Microchip Technology RN2903 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
 2015 Microchip Technology Inc.
DS50002390B-page 5
RN2903
44
GPIO7
Input/Output
General purpose I/O pin
45
GPIO8
Input/Output
General purpose I/O pin
46
GPIO9
Input/Output
General purpose I/O pin
47
GND
Power
Ground supply terminal
Note 1: Optional handshake lines are supported in future firmware releases.
TABLE 1-1:
PIN DESCRIPTION (CONTINUED)
Pin
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24