| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VPC3232D Datasheet(PDF) 68 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
VPC3232D Datasheet(HTML) 68 Page - Micronas |
|
68 / 78 page ![]() VPC 323xD, VPC 324xD ADVANCE INFORMATION 68 Micronas Fig. 4–15: Field memory write cycle timing Fig. 4–16: Field memory read cycle timing SWCK FFWE FFIE D0-D11 N N+1 N+2 N+3 N+4 N+5 N+9 N+8 N+7 N+6 N+10 N+11 N+1 N+2 N+7 N+8 disable disable disable write address point N+7 N+8 SRCK FFRE FFOE D0-D11 N N+1 N+2 N+3 N+4 N+5 N+9 N+8 N+7 N+6 N+10 N+11 N+1 N+2 disable disable disable read address point Hi-z Hi-z Hi-z |