Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PT-AT6000 Datasheet(PDF) 5 Page - Panasonic Semiconductor

No. de pieza PT-AT6000
Descripción Electrónicos  Full High-Definition Home Cinema Projector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-AT6000 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  PT-AT6000 Datasheet HTML 1Page - Panasonic Semiconductor PT-AT6000 Datasheet HTML 2Page - Panasonic Semiconductor PT-AT6000 Datasheet HTML 3Page - Panasonic Semiconductor PT-AT6000 Datasheet HTML 4Page - Panasonic Semiconductor PT-AT6000 Datasheet HTML 5Page - Panasonic Semiconductor PT-AT6000 Datasheet HTML 6Page - Panasonic Semiconductor PT-AT6000 Datasheet HTML 7Page - Panasonic Semiconductor PT-AT6000 Datasheet HTML 8Page - Panasonic Semiconductor PT-AT6000 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
S P E C
F I L E
PT-AT6000
Full High-Definition Home Cinema Projector
As of August 2012
SFL12M017
5 / 1 3
Standard setting-up position
C a u t i o n :
All construction work should be done by a qualified technician.
When mounting to the ceiling, use the special mounting bracket. To prevent the projector from dropping, attach
the wire that is included with the projector between the mounting bracket and the ceiling.
Upper edge of projected image
Lower edge of projected image
Projected image
L
L
Projected image
L
204
(8-1/32)
65 (2-9/16)
unit : mm (inch)
NOTE:
Illustrations show the projector installed
using optional ceiling mount bracket
ET-PKA110S.
This illustration is not drawn to scale.
Diagonal length
Projection size (16:9)
Height from the edge of screen
to center of lens
(H)
Width from the right edge of screen
to center of lens
(W)
Projection distance (L)
Min (Wide)
Max (Telephoto)
1. 0 2 m
1. 2 7 m
1. 5 2 m
1.7 8 m
2 . 0 3 m
2 . 2 9 m
2 . 5 4 m
3 . 0 5 m
3 . 8 1 m
5 . 0 8 m
6 . 3 5 m
7. 6 2 m
1.16 m
1. 47 m
1.7 7 m
2 . 0 7 m
2 . 3 7 m
2 . 6 7 m
2 . 9 8 m
3 . 5 8 m
4 .4 9 m
6 . 0 0 m
7. 51 m
9 . 0 2 m
2 . 3 7 m
2 . 9 8 m
3 . 5 8 m
4 .18 m
4 .7 9 m
5 . 3 9 m
6 . 0 0 m
7. 2 0 m
9 . 0 2 m
12 . 0 4 m
15 . 0 6 m
18 . 0 8 m
0 .7 5 m
0 . 9 3 m
1.13 m
1. 31 m
1. 5 0 m
1. 6 8 m
1. 8 8 m
2 . 24 m
2 . 8 1 m
3 .74 m
4 . 6 7 m
5 . 6 1 m
0 . 6 8 m
0 . 8 4 m
1. 0 1 m
1.18 m
1. 3 5 m
1. 51 m
1. 6 8 m
2 . 0 2 m
2 . 5 2 m
3 . 3 7 m
4 . 2 0 m
5 . 0 5 m
- 0 . 2 5 m
- 0 . 31 m
- 0 . 3 8 m
- 0 . 4 4 m
- 0 . 5 0 m
- 0 . 5 6 m
- 0 . 6 3 m
- 0 .7 5 m
- 0 . 9 4 m
-1. 2 5 m
-1. 5 6 m
-1. 8 7 m
0 . 2 1 m
0 . 2 7 m
0 . 3 2 m
0 . 3 7 m
0 . 4 2 m
0 . 4 8 m
0 . 5 3 m
0 . 6 4 m
0 . 8 0 m
1. 0 6 m
1. 3 3 m
1. 5 9 m
40 ˝
50 ˝
60 ˝
70 ˝
80 ˝
90 ˝
10 0 ˝
12 0 ˝
15 0 ˝
20 0 ˝
25 0 ˝
30 0 ˝
3´10 ˝
4´10 ˝
5´10 ˝
6´ 9 ˝
7´ 9 ˝
8´9 ˝
9´ 9 ˝
11´ 9 ˝
14´ 9 ˝
19 ´8 ˝
24´8 ˝
29 ´ 7 ˝
7 ´ 9 ˝
9´ 9 ˝
11´ 9 ˝
13 ´ 9 ˝
15 ´ 9 ˝
17 ´8 ˝
19 ´8 ˝
23 ´ 7 ˝
29 ´ 7 ˝
39 ´6 ˝
49 ´ 5 ˝
59 ´4 ˝
-10 ˝
-1´0 ˝
-1´ 3 ˝
-1´ 5 ˝
-1´8 ˝
-1´10 ˝
-2 ´1 ˝
-2 ´6 ˝
-3 ´1 ˝
-4´1 ˝
-5 ´1 ˝
-6 ´ 2 ˝
11 ˝
1´1 ˝
1´ 3 ˝
1´ 5 ˝
1´ 7 ˝
1´ 9 ˝
2´1 ˝
2´ 7 ˝
3´6 ˝
4´4 ˝
5´ 3 ˝
2´6 ˝
3´1 ˝
3´8 ˝
4´4 ˝
4´11 ˝
5´6 ˝
6´ 2 ˝
7´4 ˝
9´ 3 ˝
12 ´3 ˝
15 ´4 ˝
18 ´ 5 ˝
2´ 3 ˝
2´ 9 ˝
3´4 ˝
3´10 ˝
4´ 5 ˝
4´11 ˝
5´6 ˝
6´8 ˝
8´ 3 ˝
11´1 ˝
13 ´ 9 ˝
16 ´ 7 ˝
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
Projection distance for 16:9 aspect ratio screen
NOTE: The values of L shown above vary due to characteristics of the zoom lens. Images may slightly distort due to characteristics of the zoom
lens when the zoom lens is set to the minimum throw distance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com