Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM358FVT Datasheet(PDF) 38 Page - Rohm

No. de pieza LM358FVT
Descripción Electrónicos  Ground Sense Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

LM358FVT Datasheet(HTML) 38 Page - Rohm

Back Button LM358FVT Datasheet HTML 34Page - Rohm LM358FVT Datasheet HTML 35Page - Rohm LM358FVT Datasheet HTML 36Page - Rohm LM358FVT Datasheet HTML 37Page - Rohm LM358FVT Datasheet HTML 38Page - Rohm LM358FVT Datasheet HTML 39Page - Rohm LM358FVT Datasheet HTML 40Page - Rohm LM358FVT Datasheet HTML 41Page - Rohm LM358FVT Datasheet HTML 42Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Datasheet
www.rohm.com
TSZ02201-0GMG0G200190-1-2
©2015 ROHM Co., Ltd. All rights reserved.
38/44
01.Aug.2016 Rev.005
TSZ22111・15・001
LM358xxx
LM324xxx
LM2904xxx
LM2902xxx
Physical Dimensions, Tape and Reel Information – continued
Package Name
SOP-J14
∗Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
()
Direction of feed
Reel
1pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48