| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP9902T-2E/RW Datasheet(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9902T-2E/RW Datasheet(HTML) 27 Page - Microchip Technology |
|
27 / 50 page ![]() 2015-2016 Microchip Technology Inc. DS20005382C-page 27 MCP9902/3/4 REGISTER 5-10: EXT(N) HI LIM TEMP HB – EXTERNAL DIODE N HIGH TEMPERATURE LIMIT, HIGH BYTE REGISTER (ADDRESSES 07H AND 0DH, 15H, 2CH) RW-0 RW-1 RW-0 RW-1 RW-0 RW-1 RW-0 RW-1 EXT(N)_HLH<7:0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as 0 -n = Value at POR ‘1’ = bit is set ‘0’ = Bit is cleared x = Bit in unknown 7-0 EXT(N)_HLH<7:0> : Integer value of the External Diode n temperature reading, where N = 1 to 3 depending on device REGISTER 5-11: EXT(N) HI LIM LB – EXTERNAL DIODE N HIGH LIMIT TEMPERATURE, LOW BYTE REGISTER (ADDRESSES 13H, 17H, 2EH) R-0 R-0 R-0 R-0 R-0 R-0 R-0 R-0 EXT(N)_HLL<2:0> — — — — — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as 0 -n = Value at POR ‘1’ = bit is set ‘0’ = Bit is cleared x = Bit in unknown 7-5 EXT(N)_HLL<2:0> : Fractional portion of the High Limit Temperature to be added to the value at the respective high byte registers 111 = 0.875°C 110 = 0.750°C 101 = 0.625°C 100 = 0.500°C 011 = 0.375°C 010 = 0.250°C 001 = 0.125°C 000 = 0.000°C 4-0 Unimplemented : Read as ‘0’ REGISTER 5-12: EXT(N) LO LIM HB – EXTERNAL DIODE N LOW LIMIT, HIGH BYTE TEMPERATURE REGISTER (ADDRESSES 08H AND 0EH, 16H, 2DH) RW-0 RW-1 RW-0 RW-1 RW-0 RW-1 RW-0 RW-1 EXT(N)_LLHB<7:0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as 0 -n = Value at POR ‘1’ = bit is set ‘0’ = Bit is cleared x = Bit in unknown 7-0 EXT(N)_LLHB<7:0> : Integer portion of External Diode n Low temperature Limit, where n = 1 to 3 depending on device |