| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS4C2M32SA Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4C2M32SA Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation |
|
9 / 54 page ![]() CLK COMMAND DQM Figure 6. Read to Write Interval (Burst Length ≥ 4, CAS# Latency = 2) T0 T1 T2 T3 T4 T5 T6 T7 T8 CAS# latency=2 tCK2, DQ Must be Hi-Z before the Write Command NOP NOP BANKA ACTIVATE NOP READ A WRITE A DIN A0 DIN A1 NOP NOP DIN A2 NOP T9 DIN A3 NOP Figure 7. Read to Write Interval (Burst Length ≥ 4, CAS# Latency = 2) Don’t Care CLK COMMAND T0 T1 DQM T2 T3 T4 T5 T6 T7 T8 CAS# latency=2 tCK2, DQ Must be Hi-Z before the Write Command NOP READ A NOP NOP NOP DIN B3 DIN B2 DIN B1 DIN B0 NOP WRITE B NOP NOP Figure 8. Read to Write Interval (Burst Length ≧ 4, CAS# Latency = 3) CLK COMMAND T0 T1 T2 T3 T4 T5 T6 NOP READ A NOP NOP NOP NOP WRITE B NOP T7 T8 NOP DQM DOUT A0 DIN B0 DIN B1 DIN B2 CAS# Latency=3 tCK3, DQ Must be Hi-Z before the Write Command Don’t Care A read burst without the auto precharge function may be interrupted by a BankPrecharge/ PrechargeAll command to the same bank. The following figure shows the optimum time that BankPrecharge/ PrechargeAll command is issued in different CAS latency. AS4C2M32SA-6TIN AS4C2M32SA-6TCN AS4C2M32SA-7TCN Confidential -9/54- Rev.1.0 Sep. 2015 |