| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LPC2292 Datasheet(PDF) 34 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2292 Datasheet(HTML) 34 Page - NXP Semiconductors |
|
34 / 40 page ![]() Philips Semiconductors LPC2292/LPC2294 16/32-bit ARM microcontrollers with external memory interface Preliminary data Rev. 01 — 05 February 2004 34 of 40 9397 750 12748 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. Table 14: Standard read access specifications Access cycle Max frequency WST setting WST ≥ 0; round up to integer Memory access time requirement Standard read Standard write Burst read - initial Burst read - subsequent 3 × N/A f MAX 2 WST 1 + t RAM 20ns + ------------------------------- ≤ WST 1 t RAM 20ns + t CYC ------------------------------- ≥ 2 – t RAM t CYC 2 WST 1 + () × 20ns – ≤ f MAX 1 WST 2 + t WRITE 5ns + -------------------------------- ≤ WST 2 t WRITE t CYC 5 + – t CYC -------------------------------------------- ≥ t WRITE t CYC 1 WST 2 + () × 5ns – ≤ f MAX 2 WST 1 + t INIT 20ns + ------------------------------ ≤ WST 1 t INIT 20ns + t CYC ------------------------------ ≥ 2 – t INIT t CYC 2 WST 1 + () × 20ns – ≤ f MAX 1 t ROM 20ns + ------------------------------- ≤ t ROM t CYC 20ns – ≤ |