| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FP_SERIES Datasheet(PDF) 3 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
FP_SERIES Datasheet(HTML) 3 Page - Copal Electronics |
|
3 / 3 page ![]() 8-φ0.8∼1.0 5-φ0.8∼1.0 FP SPDT DPDT Switching function Part No. FP1F −4M−Z ON (ON) Connecting terminals 2 −32−1 Switching function Part No. ★FP2F−4M−Z ON (ON) Connecting terminals 2 −3 5 −6 2 −1 5 −4 V/M V/M Terminal numbers are not shown on the switch. Terminal numbers are not shown on the switch. C Hole Layouts (Top view) PC Hole Layouts (Top view) ■Handling Precautions(FP, FT, FL) 1. Soldering SpeciÄcations ⑴Manual Soldering Device:Soldering iron 380 ° C, Max.; 3 seconds, Max. ⑵Auto soldering Device:Jet wave type or dip type 275 ° C, Max.; 6 seconds, Max. ・Pre-heating should be done at temperatures from 80 to 120 ° C and within 120 seconds. ⑶When soldering two or more terminals to the common land, use solder resist to solder them independently. 2. Flux Cleaning ⑴Solvents :Fluorine or Alcohol type ⑵ Cleaning after soldering should be done after the PC board is exposed to room temperature (30 ℃ or below) for 1 to 2 hours. ⑶Do not use ultrasonic cleaning. (ON) :Momentary. ★:Made to order products. The blue line shows the outline of the switch. ■Packaging SpeciÄcations Plastic Pack 100 pcs/pack |