| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CFS-0600MA Datasheet(PDF) 1 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
CFS-0600MA Datasheet(HTML) 1 Page - Copal Electronics |
|
1 / 7 page ![]() SLIDE SWITCHES (FULL PITCH) CFS ■ FEATURES O RoHS compliant O Excellent contact stability by twin Gold-plated contact Part name ① ② ③ ④ ⑤ ⑥ Cover Slider Housing Slider contact Fixed contact Terminal pin Material Flammability UL94V-0 – Polyphenylenesulphide Polyamide Polyphenylenesulphide Copper alloy, Gold-plated INTERNAL STRUCTURE ■ PART NUMBER DESIGNATION ※ Please refer to the LIST OF PART NUMBERS when placing orders. ① ⑤ ④ ⑥ ③ ② O Communication devices, Air-conditioning equiment, Vending machines and various control equipment C F S - 0 4 0 1 T B Series name No. of bits 01: 1 bit 02:2 bits 03:3 bits 04: 4 bits 05:5 bits 06:6 bits 07: 7 bits 08:8 bits 09:9 bits 10:10 bits Form of packaging T :Taping (Reel) M:Magazine A:J-hook B:Gull wing C:Through hole pin Shape of terminal Structure 00: 01: 02: 03: K1 ※1:J-hook type is not available ■ APPLICATIONS RoHS compliant |
Número de pieza similar - CFS-0600MA |
|
Descripción similar - CFS-0600MA |