| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM118J/883 Datasheet(PDF) 15 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM118J/883 Datasheet(HTML) 15 Page - National Semiconductor (TI) |
|
15 / 18 page ![]() Connection Diagram Dual-In-Line Package 00776624 Top View Order Number LM118J/883 (Note 13) See NS Package Number J14A Dual-In-Line Package 00776603 Top View Order Number LM118J-8/883 (Note 13), LM318M or LM318N See NS Package Number J08A, M08A or N08B Metal Can Package (Note 12) 00776602 Top View Order Number LM118H, LM118H/883 (Note 13), LM218H or LM318H See NS Package Number H08C Note 12: Pin connections shown on schematic diagram and typical applica- tions are for TO-5 package. Note 13: Available per JM38510/10107. www.national.com 15 |