| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADV7181BBCPZ Datasheet(PDF) 40 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7181BBCPZ Datasheet(HTML) 40 Page - Analog Devices |
|
40 / 96 page ![]() ADV7181B Rev. 0 | Page 40 of 96 PF Polarity FIELD, Address 0x37 [3] The polarity of the FIELD pin can be inverted using the PF bit. FIELD pin can be inverted using the PF bit. When PF is 0 (default), FIELD is active high. When PF is 1, FIELD is active low. OUTPUT VIDEO FIELD 1 FIELD 2 H V F OUTPUT VIDEO H V F 525 1 2 3 4 5 6 7 8 9 10 11 12 13 19 20 21 22 NVBEG[4:0] = 0x5 NVBEG[4:0] = 0x5 NVEND[4:0] = 0x4 NVEND[4:0] = 0x4 NFTOG[4:0] = 0x3 NFTOG[4:0] = 0x3 *BT.656-4 REG 0x04, BIT 7 = 1 *BT.656-4 REG 0x04, BIT 7 = 1 *APPLIES IF NEMAVMODE = 0: MUST BE MANUALLY SHIFTED IF NEWAVMODE = 1. 262 263 264 265 266 267 268 269 270 271 272 273 274 275 276 283 284 285 Figure 20. NTSC Default (BT.656). The polarity of H, V, and F is embedded in the data. NVBEG[4:0] = 0x0 NVEND[4:0] = 0x3 FIELD 1 OUTPUT VIDEO FIELD OUTPUT HS OUTPUT NFTOG[4:0] = 0x5 VS OUTPUT 525 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 21 22 FIELD 2 OUTPUT VIDEO FIELD OUTPUT HS OUTPUT VS OUTPUT 262 263 264 265 266 267 268 269 270 271 272 273 274 275 276 277 284 285 NVBEG[4:0] = 0x0 NVEND[4:0] = 0x3 NFTOG[4:0] = 0x5 Figure 21. NTSC Typical VSync/Field Positions Using Register Writes in Table 54 |