Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LF412ACN Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LF412ACN
Descripción Electrónicos  Low Offset, Low Drift Dual JFET Input Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF412ACN Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LF412ACN Datasheet HTML 5Page - National Semiconductor (TI) LF412ACN Datasheet HTML 6Page - National Semiconductor (TI) LF412ACN Datasheet HTML 7Page - National Semiconductor (TI) LF412ACN Datasheet HTML 8Page - National Semiconductor (TI) LF412ACN Datasheet HTML 9Page - National Semiconductor (TI) LF412ACN Datasheet HTML 10Page - National Semiconductor (TI) LF412ACN Datasheet HTML 11Page - National Semiconductor (TI) LF412ACN Datasheet HTML 12Page - National Semiconductor (TI) LF412ACN Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Pulse Response R
L=2 k
Ω,C
L=10 pF (Continued)
Current Limit (R
L=100
Ω)
00565640
Application Hints
The LF412 series of JFET input dual op amps are internally
trimmed (BI-FET II™) providing very low input offset voltages
and guaranteed input offset voltage drift. These JFETs have
large reverse breakdown voltages from gate to source and
drain eliminating the need for clamps across the inputs.
Therefore, large differential input voltages can easily be
accommodated without a large increase in input current. The
maximum differential input voltage is independent of the
supply voltages. However, neither of the input voltages
should be allowed to exceed the negative supply as this will
cause large currents to flow which can result in a destroyed
unit.
Exceeding the negative common-mode limit on either input
will cause a reversal of the phase to the output and force the
amplifier output to the corresponding high or low state.
Exceeding the negative common-mode limit on both inputs
will force the amplifier output to a high state. In neither case
does a latch occur since raising the input back within the
common-mode range again puts the input stage and thus
the amplifier in a normal operating mode.
Exceeding the positive common-mode limit on a single input
will not change the phase of the output, however, if both
inputs exceed the limit, the output of the amplifier may be
forced to a high state.
The amplifiers will operate with a common-mode input volt-
age equal to the positive supply; however, the gain band-
width and slew rate may be decreased in this condition.
When the negative common-mode voltage swings to within
3V of the negative supply, an increase in input offset voltage
may occur.
Each amplifier is individually biased by a zener reference
which allows normal circuit operation on ±6.0V power sup-
plies. Supply voltages less than these may result in lower
gain bandwidth and slew rate.
The amplifiers will drivea2k
Ω load resistance to ±10V over
the full temperature range. If the amplifier is forced to drive
heavier load currents, however, an increase in input offset
voltage may occur on the negative voltage swing and finally
reach an active current limit on both positive and negative
swings.
Precautions should be taken to ensure that the power supply
for the integrated circuit never becomes reversed in polarity
or that the unit is not inadvertently installed backwards in a
socket as an unlimited current surge through the resulting
forward diode within the IC could cause fusing of the internal
conductors and result in a destroyed unit.
As with most amplifiers, care should be taken with lead
dress, component placement and supply decoupling in order
to ensure stability. For example, resistors from the output to
an input should be placed with the body close to the input to
minimize “pick-up” and maximize the frequency of the feed-
back pole by minimizing the capacitance from the input to
ground.
A feedback pole is created when the feedback around any
amplifier is resistive. The parallel resistance and capacitance
from the input of the device (usually the inverting input) to AC
ground set the frequency of the pole. In many instances the
frequency of this pole is much greater than the expected
3 dB frequency of the closed loop gain and consequently
there is negligible effect on stability margin. However, if the
feedback pole is less than approximately 6 times the ex-
pected 3 dB frequency a lead capacitor should be placed
from the output to the input of the op amp. The value of the
added capacitor should be such that the RC time constant of
this capacitor and the resistance it parallels is greater than or
equal to the original feedback pole time constant.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13