| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC58FVB321 Datasheet(PDF) 37 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC58FVB321 Datasheet(HTML) 37 Page - Toshiba Semiconductor |
|
37 / 48 page ![]() TC58FVT321/B321FT/XB-70,-10 2002-08-06 37/48 DQ7 Polling DQ6 Toggle Bit DATA Yes No Yes No Read Byte (DQ0~DQ7) Addr. = VA Read Byte (DQ0~DQ7) Addr. = VA Start DQ7 = Data? DQ5 = 1? DQ7 = Data? No Yes 1) 1) : DQ7 must be rechecked even if DQ5 = 1 because DQ7 may change at the same time as DQ5. Fail Pass VA: Byte address for programming Any of the addresses within the block being erased during a Block Erase operation “Don’t care” during a Chip Erase operation Any address not within the current block during an Erase Suspend operation No No No Yes Read Byte (DQ0~DQ7) Addr. = VA Read Byte (DQ0~DQ7) Addr. = VA Start DQ6 = Toggle? DQ5 = 1? DQ6 = Toggle? Yes Yes 1) 1) : DQ6 must be rechecked even if DQ5 = 1 because DQ6 may stop toggling at the same time that DQ5 changes to 1. Fail Pass |