| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STV2236 Datasheet(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV2236 Datasheet(HTML) 6 Page - STMicroelectronics |
|
6 / 86 page ![]() STV224XH/228XH/223XH - GENERAL DESCRIPTION 6/86 1 GENERAL DESCRIPTION 1.1 INTRODUCTION The STV224XH/228XH/223XH are fully bus-controlled ICs for TV that include PIF, SIF, Luma, Chroma and Deflection processing functions. Used with a vertical frame booster (TDA8174A for a 90° chassis, STV9306 for a 110° chassis), they allow multistandard (BGDKIMNLL’, PAL/SECAM/NTSC) sets to be de- signed with very few external components and no manual adjustments. 1.2 PIN DESCRIPTION Table 1. Pin Configuration Package Application PAL/NTSC Intercarrier PAL/NTSC QSS/Intercarrier PAL/SECAM/NTSC QSS/Intercarrier AM PAL/SECAM/NTSC QSS/Intercarrier SHRINK56 STV2246H/86H STV2247H STV2248H STV2249H TQFP64 STV2236H STV2237H STV2238H STV2239H Function 2246H/36H 2286H 2247H/37H 2248H/38H 2249H/39H PAL/SECAM/NTSC XX PAL/NTSC X X X QSS/Intercarrier X X X Intercarrier Only X X AM X Audio FM Wide mode with QSS Application X X X 1 EXT RGB Input (OSD) X OSD RGB Inputs & RGBEXT/YCrCb Inputs X X X X PIN Symbol Description STV224XH/228XH STV223XH SDIP56 TQFP64 1 8 SIFIN1 SIF Input (Please refer to Note 1) 2 9 SIFIN2 SIF Input (Please refer to Note 1) 3 10 AGCSIFCAP AGC SIF Capacitor (Please refer to Note 1) 411 VREFIF Voltage Reference Filtering 5 12 AGCPIFCAP AGC PIF Capacitor 6 13 PIFIN1 PIF Input 7 14 PIFIN2 PIF Input - 15 SAW Filter Switch Control 8 16 TUNERAGCOUT AGC Tuner Output 9 17 IFPLL IF PLL Filter 10 18 GNDIF IF Ground 11 19 AM/FMOUT/SC AM/FM Mono Sound or Stereo Carriers Output 12 20 VCCIF 5 V IF Supply 13 21 INTCVBSOUT Internal CVBS Output 14 22 EXTAUDIOIN External Audio Input 15 23 PIFLC1 LC Input 16 24 PIFLC2 LC Input 17 25 VCC2 Video/Luma Supply Voltage (8 V) 18 26 CVBSIN1 Internal Video Input 2 |