Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST72561R9 Datasheet(PDF) 52 Page - STMicroelectronics

No. de pieza ST72561R9
Descripción Electrónicos  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R9 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST72561R9 Datasheet HTML 48Page - STMicroelectronics ST72561R9 Datasheet HTML 49Page - STMicroelectronics ST72561R9 Datasheet HTML 50Page - STMicroelectronics ST72561R9 Datasheet HTML 51Page - STMicroelectronics ST72561R9 Datasheet HTML 52Page - STMicroelectronics ST72561R9 Datasheet HTML 53Page - STMicroelectronics ST72561R9 Datasheet HTML 54Page - STMicroelectronics ST72561R9 Datasheet HTML 55Page - STMicroelectronics ST72561R9 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 262 page
background image
ST72561
52/262
I/O PORTS (Cont’d)
Table 13. Port Configuration
* Note: when the CANTX alternate function is selected, the I/O port operates in output push-pull mode.
Port
Pin name
Input
Output
OR = 0
OR = 1
OR = 0
OR = 1
Port A
PA0
floating
pull-up interrupt (ei0)
open drain
push-pull
PA1
floating interrupt (ei0)
PA2
pull-up interrupt (ei0)
PA3
floating interrupt (ei0)
PA4
pull-up interrupt (ei0)
PA5
floating interrupt (ei0)
PA6
pull-up interrupt (ei0)
PA7
floating interrupt (ei0)
Port B
PB0
floating
pull-up interrupt (ei1)
open drain
push-pull
PB1
floating interrupt (ei1)
PB2
pull-up interrupt (ei1)
PB3
floating interrupt (ei1)
PB4
pull-up interrupt (ei1)
PB5
floating interrupt (ei1)
Port C
PC0
floating
pull-up
open drain
push-pull
PC1
pull-up interrupt (ei2)
PC2
floating interrupt (ei2)
PC3
pull-up
PC4
pull-up
controlled by CANTX *
PC7:5
floating
pull-up
open drain
push-pull
Port D
PD0
floating
pull-up interrupt (ei3)
open drain
push-pull
PD1
floating interrupt (ei3)
PD3:2
pull-up
PD4
floating interrupt (ei3)
PD5
pull-up
PD6
pull-up interrupt (ei3)
PD7
floating interrupt (ei3)
Port E
PE7:0
floating (TTL)
pull-up (TTL)
open drain
push-pull
Port F
PF7:0
floating (TTL)
pull-up (TTL)
open drain
push-pull