| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC8248CVRM Datasheet(PDF) 30 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8248CVRM Datasheet(HTML) 30 Page - Motorola, Inc |
|
30 / 56 page ![]() 30 MPC8272 PowerQUICC II™ Family Hardware Specifications MOTOROLA PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE Clock Configuration Modes Clock Configuration Modes 7.2 PCI Agent Mode Table 17 and Table 18 show configurations for PCI agent mode. The frequency values listed are for the purpose of illustration only. Users must select a mode and input bus frequency so that the resulting configuration does not exceed the frequency rating of the user’s device. Note that in PCI agent mode the input clock is PCI clock. 1101_001 71.4 100.0 2.5 178.6 250.0 3.5 250.0 350.0 5 35.7 50.0 1101_010 62.5 100.0 2.5 156.3 250.0 4 250.0 400.0 5 31.3 50.0 1101_011 55.6 100.0 2.5 138.9 250.0 4.5 250.0 450.0 5 27.8 50.0 1101_100 50.0 100.0 2.5 125.0 250.0 5 250.0 500.0 5 25.0 50.0 1101_101 62.5 125.0 2 125.0 250.0 3 187.5 375.0 5 25.0 50.0 1101_110 62.5 125.0 2 125.0 250.0 4 250.0 500.0 5 25.0 50.0 1110_000 71.4 100.0 3 214.3 300.0 3.5 250.0 350.0 6 35.7 50.0 1110_001 62.5 100.0 3 187.5 300.0 4 250.0 400.0 6 31.3 50.0 1110_010 55.6 100.0 3 166.7 300.0 4.5 250.0 450.0 6 27.8 50.0 1110_011 50.0 100.0 3 150.0 300.0 5 250.0 500.0 6 25.0 50.0 1110_100 50.0 100.0 3 150.0 300.0 5.5 275.0 550.0 6 25.0 50.0 1100_000 Reserved 1100_001 Reserved 1100_010 Reserved 1 The “low” values are the minimum allowable frequencies for a given clock mode. The minimum bus frequency guarantees the required minimum CPU operating frequency. Minimum CPU frequency is determined by the clock mode. For modes with a CPU multiplication factor ≤ 3, the minimum CPU frequency is 125 MHz or 150 MHz, as shown in the table. For modes with a CPU multiplication factor ≥ 3.5, the minimum CPU frequency is 250 MHz. The “high” values are for the purpose of illustration only. Users must select a mode and input bus frequency so that the resulting configuration does not exceed the frequency rating of the user’s device. 2 PCI_MODCK determines the PCI clock frequency range. Refer to Table 15 for higher range configurations. 3 MODCK_H = hard reset configuration word [28–31] (refer to Section 5.4 in the MPC8260 User’s Manual). MODCK[1-3] = three hardware configuration pins. 4 CPM multiplication factor = CPM clock/bus clock 5 CPU multiplication factor = Core PLL multiplication factor Table 16. Clock Configurations for PCI Host Mode (PCI_MODCK=1) 1, 2 (continued) Mode 3 Bus Clock (MHz) CPM Multiplication Factor 4 CPM Clock (MHz) CPU Multiplication Factor 5 CPU Clock (MHz) PCI Division Factor PCI Clock (MHz) MODCK_H- MODCK[1-3] Low High Low High Low High Low High Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |