Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OM6206U/Z Datasheet(PDF) 27 Page - NXP Semiconductors

No. de pieza OM6206U/Z
Descripción Electrónicos  65 X 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM6206U/Z Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button OM6206U/Z Datasheet HTML 23Page - NXP Semiconductors OM6206U/Z Datasheet HTML 24Page - NXP Semiconductors OM6206U/Z Datasheet HTML 25Page - NXP Semiconductors OM6206U/Z Datasheet HTML 26Page - NXP Semiconductors OM6206U/Z Datasheet HTML 27Page - NXP Semiconductors OM6206U/Z Datasheet HTML 28Page - NXP Semiconductors OM6206U/Z Datasheet HTML 29Page - NXP Semiconductors OM6206U/Z Datasheet HTML 30Page - NXP Semiconductors OM6206U/Z Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
2001 Nov 14
27
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
OM6206
col97
134
+3395
−935
col98
135
+3465
−935
col99
136
+3535
−935
col100
137
+3605
−935
col101
138
+3675
−935
row50
139
+3815
−935
row49
140
+3885
−935
row48
141
+3955
−935
row47
142
+4025
−935
row46
143
+4095
−935
row45
144
+4165
−935
row44
145
+4235
−935
row43
146
+4305
−935
row42
147
+4375
−935
row41
148
+4445
−935
row40
149
+4515
−935
row39
150
+4585
−935
row38
151
+4655
−935
row37
152
+4725
−935
row36
153
+4795
−935
row35
154
+4865
−935
row34
155
+4935
−935
row33
156
+5005
−935
dummy pad
157
+5355
−935
dummy pad
158
+5320
+935
row51
159
+5180
+935
row52
160
+5110
+935
row53
161
+5040
+935
row54
162
+4970
+935
row55
163
+4900
+935
row56
164
+4830
+935
row57
165
+4760
+935
row58
166
+4690
+935
row59
167
+4620
+935
row60
168
+4550
+935
row61
169
+4480
+935
row62
170
+4410
+935
row63
171
+4340
+935
row64
172
+4270
+935
SYMBOL
PAD
COORDINATES(1)
xy
dummy pad
173
+4050
+935
VDD1
174
+3890
+935
VDD1
175
+3810
+935
VDD1
176
+3730
+935
VDD1
177
+3650
+935
VDD1
178
+3570
+935
VDD1
179
+3490
+935
VDD3
180
+3250
+935
VDD2
181
+3090
+935
VDD2
182
+3010
+935
VDD2
183
+2930
+935
VDD2
184
+2850
+935
VDD2
185
+2770
+935
VDD2
186
+2690
+935
VDD2
187
+2610
+935
VDD2
188
+2530
+935
VDD2
189
+2450
+935
VDD2
190
+2370
+935
VDD2
191
+2290
+935
VDD2
192
+2210
+935
VDD2
193
+2130
+935
SCLK
194
+1890
+935
SDIN
195
+1650
+935
DC_B
196
+1410
+935
SCE_B
197
+1170
+935
T2
198
+930
+935
OSC
199
+690
+935
VSS2
200
+530
+935
VSS2
201
+450
+935
VSS2
202
+370
+935
VSS2
203
+290
+935
VSS2
204
+210
+935
VSS2
205
+130
+935
VSS2
206
+50
+935
VSS2
207
−30
+935
VSS2
208
−110
+935
VSS2
209
−190
+935
VSS2
210
−270
+935
VSS2
211
−350
+935
SYMBOL
PAD
COORDINATES(1)
xy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36