| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M38B53M4-059FP Datasheet(PDF) 231 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38B53M4-059FP Datasheet(HTML) 231 Page - Mitsubishi Electric Semiconductor |
|
231 / 355 page ![]() 38B5 Group User’s Manual APPLICATION 2-143 2.7 Interrupt interval determination function Fig. 2.7.12 Reception of remote-control data (timer 2 interrupt) Push registers to stack etc. Timer 2 interrupt Input edge ? (IREQ1, bit 2 = ?) RTI Clear edge (IREQ1, bit 2 = 0) During checking excess bit ? Read IID (address 003016) In range of header ? In range of data, 0 or 1 ? CY ← 1 Complete to receive ? Start checking excess bit During checking excess bit ? Excess bit determined counter over ? Fixed data IID (address 003016) = FF16 ? CY ← 0 Shift reception data RTI RTI Number of bits error (Excess bit is found) RTI Time error RTI RTI Start receiving data etc. Out of range of 0 or 1 In range of 1 N Y Y N Y Y Y N N N Y Y N N Time error In range of 0 |