| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MT312C/CG Datasheet(PDF) 35 Page - Zarlink Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
MT312C/CG Datasheet(HTML) 35 Page - Zarlink Semiconductor Inc |
|
35 / 90 page ![]() DiSEqC Control MT312 35 Refer to preceding section for buffer overflow. The received bytes are read from this location with 2-wire bus auto-increment bit set to zero. The received bytes will be available in the order received, i.e. the buffer is a First In First Out (FIFO) memory. Note that two read operations are needed for each byte. The first read operation will give the data byte and the second will provide the associated parity bit(B0) and the parity-error bit(B1), the other 6 bits will be zero. For example, if four bytes are received, then eight read operations (with auto-increment bit set to zero) are needed to get all data bytes as well as the parity bits. The number of bytes received is given by bits B3-0 of DISEQC2 STATUS BYTES register 119. NAME ADR B7 B6 B5 B4 B3 B2 B1 B0 Def hex DISEQC2 FIFO 120 Reserved Par error Par bit R00 |